Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1406R Datasheet(PDF) 4 Page - ams AG

Part # TSL1406R
Description  768X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1406R Datasheet(HTML) 4 Page - ams AG

  TSL1406R Datasheet HTML 1Page - ams AG TSL1406R Datasheet HTML 2Page - ams AG TSL1406R Datasheet HTML 3Page - ams AG TSL1406R Datasheet HTML 4Page - ams AG TSL1406R Datasheet HTML 5Page - ams AG TSL1406R Datasheet HTML 6Page - ams AG TSL1406R Datasheet HTML 7Page - ams AG TSL1406R Datasheet HTML 8Page - ams AG TSL1406R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TSL1406R, TSL1406RS
768 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS042D − APRIL 2007
3
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
AO is an op amp-type output that does not require an external pull-down resistor. This design allows a rail-to-rail
output voltage swing. With VDD = 5 V, the output is nominally 0 V for no light input, 2 V for normal white level, and 4.8 V
for saturation light level.
When the device is not in the output phase, AO is in a high-impedance state.
The voltage developed at analog output (AO) is given by:
Vout = Vdrk + (Re) (Ee)(tint)
where:
Vout
is the analog output voltage for white condition
Vdrk
is the analog output voltage for dark condition
Re
is the device responsivity for a given wavelength of light given in V/(μJ/cm2)
Ee
is the incident irradiance in μW/cm2
tint
is integration time in seconds
A 0.1 μF bypass capacitor should be connected between VDD and ground as close as possible to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com