Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2550 Datasheet(PDF) 2 Page - ams AG

Part # TSL2550
Description  AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2550 Datasheet(HTML) 2 Page - ams AG

  TSL2550 Datasheet HTML 1Page - ams AG TSL2550 Datasheet HTML 2Page - ams AG TSL2550 Datasheet HTML 3Page - ams AG TSL2550 Datasheet HTML 4Page - ams AG TSL2550 Datasheet HTML 5Page - ams AG TSL2550 Datasheet HTML 6Page - ams AG TSL2550 Datasheet HTML 7Page - ams AG TSL2550 Datasheet HTML 8Page - ams AG TSL2550 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TSL2550
AMBIENT LIGHT SENSOR
WITH SMBus INTERFACE
TAOS029L − OCTOBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D Converts Light Intensity to Digital Signal
D Infrared Compensation to Approximate
Human Eye Response
D Companding A/D for Wide Dynamic Range
D Rejects 50 Hz/60 Hz Lighting Ripple
D Two-Wire SMBus Serial Interface
D Single Supply Operation (2.7 V to 5.5 V)
D Low Active Power (1 mW typ)
D Power Down Mode
D Low-Profile Surface-Mount Packages
D RoHS Compliant
Description
The TSL2550 is a digital-output light sensor with
a two-wire, SMBus serial interface. It combines
two photodiodes and a companding analog-to-
digital converter (ADC) on a single CMOS
integrated circuit to provide light measurements
over an effective 12-bit dynamic range with a
response similar to that of the human eye.
The TSL2550 is designed for use with broad wavelength light sources. One of the photodiodes (channel 0) is
sensitive to visible and infrared light, while the second photodiode (channel 1) is sensitive primarily to infrared
light. An integrating ADC converts the photodiode currents to channel 0 and channel 1 digital outputs. Channel
1 digital output is used to compensate for the effect of the infrared component of ambient light on channel 0
digital output. The ADC digital outputs of the two channels are used to obtain a value that approximates the
human eye response in the commonly used unit of Lux.
This device is intended primarily for use in applications in which measurement of ambient light is used to control
display backlighting such as laptop computers, PDAs, camcorders, and GPS systems. Other applications
include contrast control in LED signs and displays, camera exposure control, lighting controls, etc. The
integrating conversion technique used by the TSL2550 effectively eliminates the effect of flicker from
AC-powered lamps, increasing the stability of the measurement.
Functional Block Diagram
SMBCLK
Two-Wire Serial Interface
Integrating
A/D Converter
Control Logic
Output Registers
SMBData
VDD = 2.7 V to 5.5 V
Channel 0
Photodiode
Channel 1
Photodiode
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
8 SMBData
7 NC
6 NC
5 SMBCLK
PACKAGE D
8-LEAD SOIC
(TOP VIEW)
VDD 1
NC 2
NC 3
GND 4
PACKAGE T
4-LEAD SMD
(TOP VIEW)
VDD 1
GND 2
4 SMBData
3 SMBCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com