Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2581 Datasheet(PDF) 4 Page - ams AG

Part # TSL2581
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2581 Datasheet(HTML) 4 Page - ams AG

  TSL2581 Datasheet HTML 1Page - ams AG TSL2581 Datasheet HTML 2Page - ams AG TSL2581 Datasheet HTML 3Page - ams AG TSL2581 Datasheet HTML 4Page - ams AG TSL2581 Datasheet HTML 5Page - ams AG TSL2581 Datasheet HTML 6Page - ams AG TSL2581 Datasheet HTML 7Page - ams AG TSL2581 Datasheet HTML 8Page - ams AG TSL2581 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TSL2580, TSL2581
LIGHT-TO-DIGITAL CONVERTER
TAOS098 − MARCH 2010
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
Terminal Functions
TERMINAL
NAME
CS PKG
NO.
FN PKG
NO.
TYPE
DESCRIPTION
ADDR SEL
2
2
I
Address select — three-state.
GND
3
3
Power supply ground. All voltages are referenced to GND.
INT
5
5
O
Level or SMB Alert interrupt — open drain.
SCL
4
4
I
Serial clock input terminal — clock signal.
SDA
6
6
I/O
Serial data I/O terminal — serial data I/O.
VDD
1
1
Supply voltage.
Available Options
DEVICE
INTERFACE
PACKAGE − LEADS
PACKAGE DESIGNATOR
ORDERING NUMBER
TSL2580
SMBus
Chipscale−6
CS
TSL2580CS
TSL2580
SMBus
Dual Flat No-Lead−6
FN
TSL2580FN
TSL2581
I2C
Dual Flat No-Lead−6
FN
TSL2581FN
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, VO
−0.5 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output current, IO
−1 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
3
3.6
V
Operating free-air temperature, TA
−30
70
°C
SCL SDA input low voltage V
TSL2580 (Note 2)
0.8
V
SCL, SDA input low voltage, VIL
TSL2581 (Note 3)
0.3 VDD
V
SCL SDA input high voltage V
TSL2580 (Note 2)
2
V
SCL, SDA input high voltage, VIH
TSL2581 (Note 3)
0.7 VDD
V
NOTES: 2. Meets SMB specifications.
3. Meets I2C specifications where VDD = VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com