Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2671 Datasheet(PDF) 5 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 5 Page - ams AG

  TSL2671 Datasheet HTML 1Page - ams AG TSL2671 Datasheet HTML 2Page - ams AG TSL2671 Datasheet HTML 3Page - ams AG TSL2671 Datasheet HTML 4Page - ams AG TSL2671 Datasheet HTML 5Page - ams AG TSL2671 Datasheet HTML 6Page - ams AG TSL2671 Datasheet HTML 7Page - ams AG TSL2671 Datasheet HTML 8Page - ams AG TSL2671 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
4
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Operating Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Active — LDR pulse off
175
250
IDD
Supply current
Wait mode
65
μA
IDD
Supply current
Sleep mode
2.5
4
μA
V
INT SDA output low voltage
3 mA sink current
0
0.4
V
VOL
INT, SDA output low voltage
6 mA sink current
0
0.6
V
I LEAK
Leakage current, SDA, SCL, INT pins
−5
5
μA
I LEAK
Leakage current, LDR pin
± 10
μA
V
SCL SDA input high voltage
TSL26711, TSL26715
0.7 VDD
V
VIH
SCL, SDA input high voltage
TSL26713, TSL26717
1.25
V
V
SCL SDA input low voltage
TSL26711, TSL26715
0.3 VDD
V
VIL
SCL, SDA input low voltage
TSL26713, TSL26717
0.54
V
Proximity Characteristics, VDD = 3 V, TA = 255C, PEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current
LDR pulse on
3
mA
ADC conversion time step size
PTIME = 0xFF
2.58
2.72
2.9
ms
ADC number of integration steps
1
256
steps
ADC counts per step
PTIME = 0xFF
0
1023
counts
IR LED pulse count
0
255
pulses
Pulse period
16.3
μs
Pulse — LED on time
7.2
μs
PDRIVE=0
75
100
125
LED Drive
ISINK sink current @ 600 mV,
PDRIVE=1
50
mA
LED Drive
ISINK sink current @ 600 mV,
LDR pin
PDRIVE=2
25
mA
PDRIVE=3
12.5
Operating distance (See note 1)
18
inches
NOTE 1: Proximity Operating Distance is dependent upon emitter properties and the reflective properties of the proximity surface. The nominal
value shown uses an IR emitter with a peak wavelength of 850 nm and a 20
° half angle. The proximity surface used is 90% reflective
(white surface) 16
× 20-inch Kodak Gray Card. 60 mw/SR, 100 mA, 64 pulses, open view (no glass). Note: Greater distances are
achievable with appropriate system considerations.
Wait Characteristics, VDD = 3 V, TA = 255C, WEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
UNIT
Wait step size
WTIME = 0xFF
2.58
2.72
2.9
ms
Wait number of integration steps
1
256
steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com