Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2672 Datasheet(PDF) 18 Page - ams AG

Part # TSL2672
Description  DIGITAL PROXIMITY DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2672 Datasheet(HTML) 18 Page - ams AG

Back Button TSL2672 Datasheet HTML 14Page - ams AG TSL2672 Datasheet HTML 15Page - ams AG TSL2672 Datasheet HTML 16Page - ams AG TSL2672 Datasheet HTML 17Page - ams AG TSL2672 Datasheet HTML 18Page - ams AG TSL2672 Datasheet HTML 19Page - ams AG TSL2672 Datasheet HTML 20Page - ams AG TSL2672 Datasheet HTML 21Page - ams AG TSL2672 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
TSL2672
DIGITAL PROXIMITY DETECTOR
TAOS133 − MAY 2012
17
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Command Register
The command register specifies the address of the target register for future read and write operations, as well
as issues special function commands.
Table 4. Command Register
6
75
4
ADDR/SF
2
31
0
COMMAND
CMD
TYPE
Reset
0x00
FIELD
BITS
DESCRIPTION
CMD
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
DESCRIPTION
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Transaction type 00 will repeatedly read the same register with each data access.
Transaction type 01 will provide an auto-increment function to read successive register bytes.
ADDR/SF
4:0
Address field/special function field. Depending on the transaction type, see above, this field either
specifies a special function command or selects the specific control-status-data register for subsequent
read and write transactions. The field values listed below apply only to special function commands:
FIELD VALUE
DESCRIPTION
00100
Interrupt set — forces an interrupt
00101
Proximity interrupt clear
other
Reserved — Do not write
The interrupt set special function command sets the interrupt bits in the status register (0x13). For the
interrupt to be visible on the INT pin, the proximity interrupt enable bit (PIEN) in the enable register (0x00)
must be asserted.
The interrupt set special function must be cleared with an interrupt clear special function. The proximity
interrupt clear special function clears any pending interrupt and is self clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com