Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2772 Datasheet(PDF) 2 Page - ams AG

Part # TSL2772
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2772 Datasheet(HTML) 2 Page - ams AG

  TSL2772 Datasheet HTML 1Page - ams AG TSL2772 Datasheet HTML 2Page - ams AG TSL2772 Datasheet HTML 3Page - ams AG TSL2772 Datasheet HTML 4Page - ams AG TSL2772 Datasheet HTML 5Page - ams AG TSL2772 Datasheet HTML 6Page - ams AG TSL2772 Datasheet HTML 7Page - ams AG TSL2772 Datasheet HTML 8Page - ams AG TSL2772 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TSL2772
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS131 − DECEMBER 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Features
D Ambient Light Sensing and Proximity
Detection in a Single Device
D Ambient Light Sensing (ALS)
− Approximates Human Eye Response
− Programmable Analog Gain and
Integration Time
− 8,000,000:1 Dynamic Range
− Operation to 60,000 lux in Sunlight
− Very High Sensitivity — Ideally Suited for
Operation Behind Dark Glass
− Package UV Rejection Filter
D Proximity Detection
− Programmable Analog Gain, Integration
Time, and Offset
− Current Sink Driver for External IR LED
− Saturation Indicator
− 16,000:1 Dynamic Range
D Maskable ALS and Proximity Interrupt
− Programmable Upper and Lower
Thresholds with Persistence Filter
D Power Management
− Low Power 2.2
mA Sleep State with User-
Selectable Sleep-After-Interrupt Mode
− 90
mA Wait State with Programmable Wait
Time from 2.7 ms to > 8 seconds
D I2C Fast Mode Compatible Interface
− Data Rates up to 400 kbit/s
− Input Voltage Levels Compatible with VDD
or 1.8-V Bus
D Register Set- and Pin-Compatible with the
TSL2x71 Series
D Small 2 mm y 2 mm Dual Flat No-Lead (FN)
Package
Applications
D Display Backlight Control
D Cell Phone Touch Screen Disable
D Mechanical Switch Replacement
D Industrial Process Control
D Medical Diagnostics
D Printer Paper Alignment
End Products and Market Segments
D Mobile Handsets, Tablets, Laptops, HDTVs,
Monitors, and PMP (Portable Media
Players)
D Medical and Industrial Instrumentation
D White Goods
D Toys
D Industrial/Commercial Lighting
D Digital Signage
D Printers
Description
The TSL2772 device family provides both ambient light sensing (ALS) and, when coupled with an external IR
LED, proximity detection. The device family is based on the TAOS patented dual-diode technology that enables
accurate ALS results and approximates human eye response to light intensity under a variety of lighting
conditions.
The TSL2772 ALS includes a reduced-gain mode that extends the operating range to 60k lux in sunlight. The
device package incorporates a UV-rejection filter that enables accurate ALS. The TSL2772 proximity detection
includes improved signal-to-noise performance and selectable gain modes. A proximity offset register allows
compensation for optical system crosstalk between the IR LED and the sensor. To prevent false proximity data
measurement readings, a proximity saturation indicator bit signals that the internal analog circuitry has reached
saturation.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 LDR
Not Actual Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com