Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL4531 Datasheet(PDF) 13 Page - ams AG

Part # TSL4531
Description  DIGITAL AMBIENT LIGHT SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL4531 Datasheet(HTML) 13 Page - ams AG

Back Button TSL4531 Datasheet HTML 9Page - ams AG TSL4531 Datasheet HTML 10Page - ams AG TSL4531 Datasheet HTML 11Page - ams AG TSL4531 Datasheet HTML 12Page - ams AG TSL4531 Datasheet HTML 13Page - ams AG TSL4531 Datasheet HTML 14Page - ams AG TSL4531 Datasheet HTML 15Page - ams AG TSL4531 Datasheet HTML 16Page - ams AG TSL4531 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TSL4531
DIGITAL AMBIENT LIGHT SENSOR
TAOS112
A − OCTOBER 2012
12
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
PACKAGE INFORMATION
PACKAGE CL
ChipLED
0.60
0.30
0.15
1.35
0.7
+ 0.1
1.2
Pb
TOP VIEW
END VIEW
BOTTOM VIEW
PIN OUT
TOP VIEW
4 SCL
3 SDA
VDD 1
GND 2
2.0
+ 0.1
Pin 1
(Note E)
Pin 1
0.3 Min
2.0
+ 0.1
Photodiode Array Area
0.10
0.45
0.277 Nominal
0.277
Nominal
CL of Solder Contacts and Photodiode
Array Area (Note B)
CL of Solder Contacts and Photodiode
Array Area (Note B)
NOTES: A. All linear dimensions are in millimeters.
B. The die is offset within the package to center the photodiode array to the solder contacts within a tolerance of
± 50 μm.
C. Package top surface is molded with an electrically nonconductive yellow clear plastic compound having an index of refraction
of 1.55.
D. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
E. Bottom pin 1 indicator is electrically connected to pin 1.
F. This package contains no lead (Pb).
G. This drawing is subject to change without notice.
Figure 9. Package CL — ChipLED Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com