Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3SL1005P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3SL1005P
Description  Middle-stroke Tactile Switch (SMT)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3SL1005P Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3SL1005P Datasheet HTML 1Page - Omron Electronics LLC B3SL1005P Datasheet HTML 2Page - Omron Electronics LLC B3SL1005P Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
B3SL
B3SL
Operating Characteristics
Model Structure
Dimensions (Unit: mm)
B3SL-1002P
B3SL-1005P
B3SL-1022P
B3SL-1025P
Note:
Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions. No terminal numbers are indicated on the Switches.
Precautions
Be sure to read the precautions common to all Tactile Switches on pages for correct use.
Operation type
Item
B3SL-1002P
B3SL-1022P
B3SL-1005P
B3SL-1025P
Operating force (OF)
1.96
± 0.49 N {200 ± 50 gf}
3.5
± 0.8 N {357 ± 82 gf}
Releasing force (RF)
0.35 N min. {35 gf}
0.5 N min. {51 gf}
Pretravel (PT)
0.3
± 0.2 mm
0.5
± 0.2 mm
0.6
± 0.2 mm
0.8
± 0.2 mm
Cover
Plunger
Fixed
Contact
Contact
dome
4±0.2
6.2
6.5
0.1
7
6.5
1.2
3
3
8.5
5
0.7
2.5 dia.
3.4
2.5
4
2
3
1
PCB Pad
(Top View)
Terminal Arrangement/
Internal Connections
(Top View)
4±0.2
6.2
6.5
3
3
8.5
5
6.5
1.2
0.7
0.1
7
2.5 dia.
5.1
2.5
4
2
3
1
PCB Pad
(Top View)
Terminal Arrangement/
Internal Connections
(Top View)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com