Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2SW-3HS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2SW-3HS
Description  Sealed Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-3HS Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2SW-3HS Datasheet HTML 1Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 2Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 3Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 4Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 5Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 6Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 7Page - Omron Electronics LLC D2SW-3HS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
196
Sealed Snap Action Switch
D2SW
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The dielectric strength shown is measured using a separator between the switch and metal mounting plate
3. For pin plunger models, the above values apply for use at the free position, operating position, and total travel position. For models with
levers, the values apply at the total travel position.
■ Ratings (reference values)
D2SW-3
D2SW-01
Note: 1. The resistive load ratings apply under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/min.
2. The above current ratings are the values of the steady-state current.
3. Inductive load has a power factor of 0.7 min. (AC) and a time constant of 7 ms max. (DC).
4. Lamp load has an inrush current of 10 times the steady-state current.
5. Motor load has an inrush current of 6 times the steady-state current.
Item
D2SW-3
D2SW-01
Operating speed
0.1 mm to 1 m/second (at pin plunger)
Operating frequency
Mechanical: 300 operations/minute max.
Electrical: 30 operations/minute max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
30 m
Ω max. for terminal models
50 m
Ω max. for terminal models
50 m
Ω max. for lead wire models
70 m
Ω max. for lead wire models
Dielectric strength (See note 2)
1,000 VAC, 50/60 Hz for 1 min. between
terminals of the same polarity
600 VAC, 50/60 Hz for 1 min. between ter-
minals of the same polarity
1,500 VAC, 50/60 Hz for 1 min. between current-carrying metal parts and ground, and
between each terminal and noncurrent-carrying metal parts
Vibration resistance (See note 3)
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance (See note 3)
Destruction: 1,000 m/s2 (approx. 100G) max.
Malfunction: 300 m/s2 (approx. 30G) max.
Ambient operating temperature
-40
° to 85°C (at 60% RH) with no icing
Ambient operating humidity
95% max. (for 5
°C to 35°C)
Degree of protection
IEC IP67 (excluding the terminals on terminal models)
Degree of protection against electric shock
Class I
Proof tracking index (PTI)
175
Life expectancy
Mechanical
5,000,000 operations min. at 60 operations per minute
Electrical
(30 operations per minute)
200,000 operations min. (3 A at 125 VAC)
100,000 operations min. (2 A at 250 VAC)
200,000 operations min.
(at rated resistive load)
Weight
Terminal model
Approx. 2 g
Lead wire model
Approx. 10 g
Rated Voltage
Non-inductive load (A)
Inductive load
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
3 A
1 A
0.5 A
1 A
0.5 A
1 A
0.5 A
250 VAC
2 A
0.5 A
0.3 A
0.5 A
0.3 A
0.5 A
0.3 A
30 VDC
3 A1 A1 A1 A
Rated Voltage
Non-inductive load
Inductive load
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
0.1 A
30 VDC
0.1 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com