Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-R25 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Specifications Common to All
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
45
Square Pushbutton/Indicator
Removing the Color Lens:
Insert the protruding tip of the Lens Puller (A3PJ-5080) into the lens
slot, hold the plate spring, and pull them to remove the Color Lens.
Plate spring
Mounting the Color Lens:
Mount the Color Lens on the flange and firmly push the Color
Lens. When the Color Lens is inserted, check whether it operates
properly. When replacing the Lamp, remove the Color Lens and
diffusion plate with fingers or Lens Puller.
Attach the Character Film properly so that it fits inside the
protruding part of the diffusion plate. Then, match the diffusion
plate to the square flange and insert the Lens.
Flange
Diffusion plate
Character Film
Color Lens
J
EMERGENCY STOP SWITCH
Insert the protrusion of the Tightening Wrench (A22Z-3905) into
the Cap slot and then turn to remove the Cap.
J
INSTALLING/REPLACING THE LAMP
Installing from the Panel Surface
Insert the Lamp Extractor (A22Z-3901) into the lamp, then rotate the
Extractor while pressing it.
Installing/Replacing on the Switch Unit
Grip the indicator with your fingers, then rotate the indicator while
pressing it against the Switch Unit.
J
CONTROL BOX (ENCLOSURE)
Mounting the Switch
The Standard-size Legend Plate Frame can be mounted. Mount
the Frame as shown in the following diagram. Mount the Switch
in the same way as for an ordinary panel.
Snap-in Legend Plate
J
INSTALLING/REMOVING THE SWITCH
UNIT
Installing the Switch Unit
Hook the small protrusion on the Switch Unit into the groove on the
other side of the lever, then push up the Switch Unit in the direction
indicated by the arrow in the figure below.
Lever
Mounting
Latch
Switch Unit
Protrusion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com