Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV040 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27BV040
Description  4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV040 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27BV040 Datasheet HTML 1Page - ATMEL Corporation AT27BV040 Datasheet HTML 2Page - ATMEL Corporation AT27BV040 Datasheet HTML 3Page - ATMEL Corporation AT27BV040 Datasheet HTML 4Page - ATMEL Corporation AT27BV040 Datasheet HTML 5Page - ATMEL Corporation AT27BV040 Datasheet HTML 6Page - ATMEL Corporation AT27BV040 Datasheet HTML 7Page - ATMEL Corporation AT27BV040 Datasheet HTML 8Page - ATMEL Corporation AT27BV040 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
0346G–EPROM–12/07
AT27BV040
Atmel’s AT27BV040 has additional features to ensure high quality and efficient production use.
The Rapid Programming Algorithm reduces the time required to program the part and guaran-
tees reliable programming. Programming time is typically only 100 µs/byte. The Integrated
Product Identification Code electronically identifies the device and manufacturer. This feature is
used by industry-standard programming equipment to select the proper programming algorithms
and voltages. The AT27BV040 programs exactly the same way as a standard 5V AT27C040
and uses the same programming equipment.
2.
Pin Configurations
2.1
32-lead PLCC Top View
2.2
32-lead TSOP, VSOP Top View – Type 1
Pin Name
Function
A0 - A18
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
O0
A14
A13
A8
A9
A11
OE
A10
CE
O7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
A18
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
O7
O6
O5
O4
O3
GND
O2
O1
O0
A0
A1
A2
A3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com