Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPJ-50SP Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # LPJ-50SP
Description  LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LPJ-50SP Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  LPJ-50SP Datasheet HTML 1Page - Cooper Bussmann, Inc. LPJ-50SP Datasheet HTML 2Page - Cooper Bussmann, Inc. LPJ-50SP Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0813
BU-SB13688
Page 1 of 3
Data Sheet # 1006
Low-Peak™ Class J
LPJ — 600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
Description: Ultimate protection Class J dual element,
current-limiting, time-delay fuses available with optional open
fuse indication. Time-delay – 10 seconds (minimum) at 500%
of rated current.
Catalog Symbol: LPJ-(amp)SP (non-indicating)
LPJ-(amp)SPI (indicating)
Ratings:
Volts — 600Vac, 300Vdc
Amps — 1-60A
IR — 300kA Vac RMS Sym.
— 100kA Vdc
Agency Information:
CE, UL Listed, Guide JDDZ, File E4273
CSA Certified, Class 1422-02, File 53787,
Class J per CSA 22.2 No. 248.
Catalog Numbers (amps) – Non-indicating Fuses
LPJ-1SP
LPJ-3SP
LPJ-7SP*
LPJ-25SP*
LPJ-11⁄4SP
LPJ-32⁄10SP
LPJ-8SP*
LPJ-30SP*
LPJ-16⁄10SP
LPJ-31⁄2SP
LPJ-9SP*
LPJ-35SP*
LPJ-18⁄10SP
LPJ-4SP
LPJ-10SP*
LPJ-40SP*
LPJ-2SP
LPJ-41⁄2SP
LPJ-12SP*
LPJ-45SP*
LPJ-21⁄4SP
LPJ-5SP
LPJ-15SP*
LPJ-50SP*
LPJ-21⁄2SP
LPJ-56⁄10SP
LPJ-171⁄2SP*
LPJ-60SP*
LPJ-28⁄10SP
LPJ-6SP*
LPJ-20SP*
* Open fuse indication available by inserting the suffix “I,” e.g., LPJ-15SPI.
Requires 75Vac minimum voltage.
Carton Quantity:
Amp Rating
Carton Qty.
1–60
10
Dimensions - in
Features:
• Industry's only UL Listed and CSA Certified fuse with a
300kA interrupting rating that allows for simple, worry-free
installation in virtually any application.
• Fast short-circuit protection and dual-element, time-delay
performance provide ultimate protection.
• Reduces existing fuse inventory by up to 33% when
upgrading to Low-Peak fuses.
• Consistent 2:1 ampacity ratios for all Low-Peak fuses make
selective coordination easy.
• Long time-delay minimizes needless fuse openings due to
temporary overloads and transient surges.
• Current-limitation protects downstream components against
damaging thermal and magnetic effects of short-circuit
currents.
• Dual-element fuses have lower resistance than ordinary
fuses so they run cooler.Can often be sized for back-up
protection against motor burnout from overload or single-
phasing if other overload protective devices fail.
• Proper sizing can provide "no damage" Type 2 coordinated
protection for NEMA and IEC motor controllers.
• Space-saving package for equipment downsizing.
Recommended Fuse Blocks and Holders
Fuse Amps
1-Pole
2-Pole
3-Pole
Open Blocks
0-30
J60030-1_
J60030-2_
J60030-3_
35-60
J60060-1_
J60060-2_
J60060-3_
“Pyramid” Blocks
0-30
——
JP60030-3_
CH Series Holders
0-30
CH30J1_
CH30J2_
CH30J3_
35-60
CH60J1_
CH60J2_
CH60J3_
Safety J™ Holders
0-30
JT60030_
——
35-60
JT60060_
——
For additional information on the Class J fuse blocks and
holders, see data sheets # 1114 (open blocks), #1108
(pyramid blocks), # 2144 (CH Series) and # 1152 (Safety J).
Fuse Reducers For Class J Fuses
Equipment
Desired Fuse
Catalog Numbers
Fuse Clips
(Case) Size
(Pairs)
60A
30A
J-63
100A
30A
J-13
60A
J-16
200A
60A
J-26†
† Not for bolt-in applications.
2.38"
0.63"
35 to 60A
1.06"
0.5"
1 to 30A
0.81"
2.25"
(±0.03)
(±0.03)
(±0.03)
(±0.03)
Available with easyID™
open fuse indication


Similar Part No. - LPJ-50SP

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LPJ-50SP EATON-LPJ-50SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPJ-50SPI COOPER-LPJ-50SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
More results

Similar Description - LPJ-50SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com