Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP3087 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP3087
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP3087 Datasheet(HTML) 1 Page - API Technologies Corp

  FP3087 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
20 - 200 MHz
20 - 200 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +52 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +47 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +41 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+12
+12 Min.
mA
85
90 Max.
RF AMPLIFIER
MODEL
TM3087
Available as:
TM3087, 4 Pin TO-8 (T4)
TN3087, 4 Pin Surface Mount (SM3)
FP3087, 4 Pin Flatpack (FP4)
BX3087, Connectorized Housing (H1)
Features
!
!
!
!
! High Output Power: +25 dBm Typical
!
!
!
!
! Medium Gain: 16 dB Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Superior Phase Noise Performance
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
3.0
6.0 Max.
VSWR
In
<1.75:1
2.0:1 Max.
Out
<1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
-17
-16 Max.
Power @ 1 dB
Comp. (dBm)
+25
+24 Min.
Gain (dB)
16.0
15.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 15 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
01/21/05
========================================================================================
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
.25
.25
.24
.24
.24
.24
.23
.23
.23
.23
.23
.23
.23
.23
.24
.24
.24
.25
.25
.26
- 15
- 15
- 18
- 22
- 26
- 31
- 36
- 40
- 46
- 51
- 56
- 62
- 68
- 74
- 80
- 86
- 93
- 99
-106
-112
6.57
6.64
6.63
6.62
6.61
6.60
6.58
6.58
6.57
6.57
6.56
6.54
6.54
6.53
6.52
6.50
6.48
6.46
6.45
6.42
-170
-180
175
171
167
164
161
158
154
151
148
145
142
139
136
132
129
126
123
120
.0919
.0922
.0930
.0934
.0932
.0940
.0933
.0936
.0944
.0938
.0954
.0951
.0957
.0958
.0964
.0965
.0970
.0968
.0968
.0982
-170
-179
175
170
166
164
160
157
153
150
147
144
141
137
134
131
128
125
122
119
.08
.07
.07
.07
.07
.07
.07
.07
.07
.07
.07
.06
.06
.06
.06
.06
.06
.06
.06
.07
-123
-152
-168
-177
177
171
166
162
159
154
152
151
152
150
152
154
155
159
162
167
Linear S-Parameters
MHz
Freq.
Mag
Deg
Mag
Deg
Mag
Deg
Mag
Deg
----S11----
----S21----
----S12----
----S22----
2.0
1.5
1.0
2.0
1.5
1.0
2
6
4
18
16
14
+26
+25
+23
+22
-21
-22
-23
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
17
15
-19
Gain (dB)
1 dB Comp. (dBm)
Reverse Isolation (dB)
Input VSWR
Noise Figure (dB)
Output VSWR
-20
3
5
+24
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - FP3087

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP3081 APITECH-FP3081 Datasheet
38Kb / 1P
RF AMPLIFIER MODEL
FP3082 APITECH-FP3082 Datasheet
37Kb / 1P
RF AMPLIFIER MODEL
FP3083 APITECH-FP3083 Datasheet
38Kb / 1P
RF AMPLIFIER MODEL
FP3086 APITECH-FP3086 Datasheet
39Kb / 1P
RF AMPLIFIER MODEL
FP3088 APITECH-FP3088 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP3087

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com