Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C080-90PC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C080-90PC
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-90PC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C080-90PC Datasheet HTML 1Page - ATMEL Corporation AT27C080-90PC Datasheet HTML 2Page - ATMEL Corporation AT27C080-90PC Datasheet HTML 3Page - ATMEL Corporation AT27C080-90PC Datasheet HTML 4Page - ATMEL Corporation AT27C080-90PC Datasheet HTML 5Page - ATMEL Corporation AT27C080-90PC Datasheet HTML 6Page - ATMEL Corporation AT27C080-90PC Datasheet HTML 7Page - ATMEL Corporation AT27C080-90PC Datasheet HTML 8Page - ATMEL Corporation AT27C080-90PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AT27C080
5
AC Waveforms for Read Operation(1)
Notes:
1.
Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified.
2.
t
DF is specified form OE/VPP or CE, whichever occurs first. Output float is defined as the point when data is no longer
driven.
3.
OE/V
PP may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE.
4.
OE/V
PP may be delayed up to tACC- tOE after the address is valid without impact on tACC.
5.
This parameter is only sampled and is not 100% tested.
Input Test Waveform and Measurement Levels
t
R, tF < 20 ns (10% to 90%)
Output Test Load
Note:
1.
CL = 100 pF including jig
capacitance.
Pin Capacitance
f = 1 MHz, T = 25
°C(1)
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Typ
Max
Units
Conditions
C
IN
48
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com