Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BX3013 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BX3013
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BX3013 Datasheet(HTML) 1 Page - API Technologies Corp

  BX3013 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
03/15/06
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +56 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +50 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +37 dBm (Typ.)
RF AMPLIFIER
MODEL
TM3013
Features
! High Output Power with Low Noise Figure
! High Third Order Intercept: +37 dBm Typical
! Operating Temp. - 55 ºC to + 85 ºC
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 1700 MHz
10 - 1700 MHz
Gain (dB)
14.0
13.0 Min.
Power @ 1 dB
Comp. (dBm)
>+23.0
+22.5 Min.
Reverse
Isolation (dB)
- 20
-18 Max.
VSWR
In
<1.8:1
2:0:1 Max.
Out
<1.5:1
2:0:1 Max.
Noise Figure (dB) *
<2.5
3.2 Max.
Power
Vdc
+15
+15
mA
108
115 Max.
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Available as:
TM3013, 4 Pin TO-8 (T4)
TN3013, 4 Pin Surface Mount (SM3)
FP3013, 4 Pin Flatpack (FP4)
BX3013, Connectorized Housing (H1)
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 20 dBm
Short Term RF Input Power .... 150 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
* Noise Figure is greater below 50 MHz
======================================================================================
10
200
500
800
1100
1400
1700
.09
.07
.16
.21
.23
.17
.14
-85
-103
-124
-147
-176
139
34
5.04
5.04
5.05
5.09
5.19
5.38
5.15
-172
161
132
103
72
36
-7
.09
.09
.09
.09
.09
.09
.09
0
-8
-20
-32
-45
-60
-83
.21
.22
.20
.17
.12
.10
.17
1.25
1.27
1.29
1.29
1.28
1.24
1.27
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
2.0
1.5
1.0
2.0
1.5
1.0
1.0
3.0
16.5
14.5
12.5
28
26
24
22
20
-19
-20
-21
-22
-23
Stop 1700 MHz
Stop 1700 MHz
Stop 1700 MHz
Stop 1700 MHz
Stop 1700 MHz
Stop 1700 MHz
13.5
15.5
Start 10 MHz
Start 10 MHz
Start 10 MHz
Start 10 MHz
Start 10 MHz
Start 10 MHz
4.0
2.0
5.0
Reverse Isolation (dB)
Noise Figure
Output VSWR
Input VSWR
1 dB Comp. (dBm)
Gain (dB)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - BX3013

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX3011 APITECH-BX3011 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
BX3012 APITECH-BX3012 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
BX3014 APITECH-BX3014 Datasheet
116Kb / 1P
RF AMPLIFIER MODEL
BX3015 APITECH-BX3015 Datasheet
49Kb / 1P
RF AMPLIFIER MODEL
BX3016 APITECH-BX3016 Datasheet
40Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - BX3013

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com