Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-08 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC-08
Description  THERMOCOUPLE DATA LOGGER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC-08 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In addition to the monitor view, PicoLog can also
display a graph, a spreadsheet and user notes. It
can display them all at once, as shown here, or
individually in any combination.
TC-08 SPECIFICATIONS
TC-08 THERMOCOUPLE DATA LOGGER
PicoLog
PicoLog is a powerful but flexible data acquisition program designed for
collecting, analyzing and displaying data over long or short periods of time.
Data can be viewed both during and after data collection in spreadsheet or
graphical format. If required, the data can also be easily exported to other
applications.
SOFTWARE DRIVERS
For users who wish to write their own software or use our products with
third party software, we provide, free of charge, a range of software
drivers and examples. Drivers are included for Windows XP (SP2), Vista
and Windows 7 (32 and 64 bit). Programming examples are supplied for
C, Delphi and Visual Basic, LabVIEW, Agilent VEE 6.1 and Excel.
DO107-2
Copyright © 2010 Pico Technology Ltd.
www.picotech.com
The TC-08 thermocouple data logger offers industry-leading performance
and a cost-effective temperature measurement solution. With 8 direct
thermocouple inputs, the TC-08 can take accurate, rapid readings. In
addition, up to 20 units can be used simultaneously on one PC. The logger
can measure and record temperatures ranging from –270°C to +1820°C
using the appropriate thermocouple type (B,E,J,K,N,R,S,T). It draws power
from the USB port, so no external power supply is needed.
Type
B
E
J
K
N
R
S
T
Overall Range °C
20 to 1820
-270 to 910
-210 to 1200
-270 to 1370
-270 to 1300
-50 to 1760
-50 to 1760
-270 to 400
150 to 1820
-270 to 910
-210 to 1200
-270 to 1370
-260 to 1300
-50 to 1760
-50 to 1760
-270 to 400
600 to 1820
-260 to 910
-210 to 1200
-250 to 1370
-230 to 1300
20 to 1760
20 to 1760
-250 to 400
0.1°C Resolution
0.025°C Resolution
THERMOCOUPLES
gg
Pico Technology
James House
Colmworth Business Park
Eaton Socon
St Neots
PE19 8YP
T: +44 (0) 1480 396 395
F: +44 (0) 1480 396 296
E: sales@picotech.com
Pico Technology offers both off the shelf and built to order
thermocouples for use with our data logging products. The
TC-08 is compatible with all popular thermocouples offering
high accuracy without compromising acquisition speed.
Thermocouple types and temperature ranges are shown in
the table below.
The PP624 is an optional terminal
board for the TC-08. The screw
terminals allow wires to be attached
to the data logger without soldering
and enable the TC-08 to measure
voltages from 0 to +5 V, or 4-20 mA
loop current.
ORDER CODE
PP222
PP624
£
249
18
DESCRIPTION
TC-08
Terminal Board
€
302
22
$
411
30
**
* US dollar and euro prices are subject to exchange rate variations.
For latest prices see our website or contact us at the address below.
ORDER CODES and PRICES
Number of channels
8
Temperature accuracy
The sum of ±0.2% and ±0.5% C
Voltage accuracy
The sum of ±0.2% and ±10 μV
Overload protection
±30 V
Voltage input
±70 mV
Reading rate
Up to 10 per second
Input connectors
Miniature thermocouple
PC connection
USB
Dimensions
201 x 104 x 34 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com