Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISZ-500 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ISZ-500
Description  ISZ-500 Single-Axis Z-Gyro Product Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISZ-500 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ISZ-500 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISZ-500 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISZ-500 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISZ-500 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISZ-500 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISZ-500 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISZ-500 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISZ-500 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISZ-500 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISZ-500 Single-Axis Z-Gyroscope
Product Specification
PS-ISZ-0500B-00-03
Release Date: 07/08/09
CONFIDENTIAL & PROPRIETARY
7 of 24
6.5
Coriolis Sense
Rotating the sensor about the Z-axis results in a Coriolis force on the Z-rate sensor. The Coriolis force
causes the mechanical structure to vibrate in-plane. The resulting vibration is detected by measuring the
capacitance change between the mechanical structure and fixed electrodes. This signal is converted to a
voltage waveform by means of low-noise charge integrating amplifier and amplification stages.
6.6
Demodulator
The output of the Coriolis sense is an amplitude modulated waveform. The amplitude corresponds to the
rotation rate, and the carrier frequency is the mechanical drive frequency. The synchronous demodulator
converts the Coriolis sense waveform to the low-frequency, angular rate signal.
6.7
Low-Pass Filter
After the demodulation stage, there is a low-pass filter. This filter attenuates noise and high frequency
artifacts before final amplification.
6.8
Auto Zero
The Auto Zero function is used to reduce DC offset caused by bias drift. The implementation of this function
will vary by application requirement. Pin 24 (AZ) is used to set the Auto Zero function, resetting the bias to
approximately VREF.
6.9
Temperature Sensor
A built-in Proportional-To-Absolute-Temperature (PTAT) sensor provides temperature information on Pin 23.
6.10 Charge Pump
The on-chip charge pump generates the voltage required to oscillate the mechanical structure.
6.11 Memory Trim
The on-chip memory is used to select the gyro’s sensitivity, calibrate the sensitivity, null DC offsets and
select the low-pass filter option
6.12 Scale Factor
The Rate-Out of the gyro is not ratiometric to the supply voltage. The scale factor is calibrated at the factory
and is nominally independent of supply voltage.
6.13 Reference Voltage
The gyro includes a bandgap reference circuit. The output voltage is typically 1.35V and is nominally
independent of temperature. The zero-rate signal is nominally equal to the reference value.
6.14 Analog Outputs
The ISZ-500 gyro has two Z-outputs (Z-OUT and Z4.5OUT), with scale factors and full-scale sensitivities that
vary by a factor of 4.5, as detailed in Section 8.2.7.
Having two sensitivities and two full-scale ranges for the one axis allows the end user to have one output that
can be used for faster motions (over a full scale range of ±500º/sec), and a second output that can be used
for slower motions (over a full scale range of ±110º/sec). Thus a lower-resolution analog-to-digital converter
(ADC) may be used to digitize the motion, with the gain of 4.5 in the Z4.5OUT output effectively giving the
user additional two-plus bits of resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com