Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP004 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FP004
Description  Cable Reels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FP004 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FP004 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP004 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Reels
Page <2>
08/12/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2011.
Specification Table
Description
Material
A
B
C
F
H
T
Part Number
Empty Cable Reel
Thermoplastic
240
120
90
210
310
200
HDP.240
290
260
350
HDP.290
330
295
410
220
HDP.330
Steel
240
210
310
200
HDM.240
Empty Cable Reel
290
260
350
HDM.290
Face Plate
-
-
-
-
-
-
-
FP001
Face Plate with Auxiliary
Winder
-
-
-
-
-
-
-
FP004
Face Plate, Blank
-
-
-
-
-
-
-
FP005
Dimensions : Millimetres
Specifications:
Thermoplastic Types:
A range of empty cable reels with red thermoplastic drums and coated, heavy duty steel stands.
Coated Steel Types:
A range of empty cable reels with red powder coated steel flanges and heavy duty steel frames.
Auxiliary Winder:
Replaces the existing face plate and allows a piece of cable to feed through the front plate and that the reel can be moved further
away from the equipment. A hole in the centre allows access to the drum and when not in use, the cable can be wound onto the
flange for storage.
Loaded Face Plates:
Replaces the existing face plates and feature 3 × 13 A type sockets, BS4343 type sockets.
Dimensions : Millimetres



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com