Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CSF70 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9422CSF70 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/2
5
Connections
■ screw clamp terminals
Rated operational current
Ie max AC-3 (Ue - 440V)
6 A
9 A
12 A
Ie AC-1 (
θ - 40° C)
-
20 A
-
Rated operational power
220/240 V
2 Hp
3 Hp
4 Hp
in category AC3
380/400 V–415/440 V
3 Hp
5 Hp
7.5 Hp
660/690 V–500 V
4 Hp
5 Hp
5 Hp
Contactor type(1)(2)
AC
LC1K06••
LC1K09••
LC1K12••
DC
LP1K06•• or LP4K06••
LP1K09 or LP4K09••
LP1K12 or LP4K12••
Reversing contactor type (2)
AC
LC2K06
LC2K09
LC2K12
with mechanical interlock
DC
LP2K06or LP5K06
LP2K09 or LP5K09
LP2K12 or LP5K12
■ spring terminals
Add the figure 3 before the voltage code. Example LC1K0610•• becomes LC1K06103••
■ slip-on connectors, 1 x 6.35 or 2 x 2.8
Add the figure 7 before the voltage code. Example LC1K0610•• becomes LC1K06107••
■ solder pins for printed circuit boards
Add the figure 5 before the voltage code. Example LC1K0610•• becomes LC1K06105••
(1) Basic catalog number, to be completed by adding 01 for N.C. auxiliary contact, or 10 for N.O. auxiliary contact.
(2) Basic catalog number to be completed by adding the coil voltage. Example (including auxiliary contact) LC1RO601G7.
Standard control circuit voltages
AC supply
Contactors LC1K (0.8–1.15 Uc)
(0.85–1.1UC)
Volts
12
20
24
36
42
48
110
115
120
127
200/208
220/230
230
230/240
50/60 Hz
J7
Z7
B7
C7
D7
E7
F7
FE7
G7
FC7
L7
M7
P7
U7
Volts
256
277
380/400
400
400/415
440
480
500
575
600
660/690
50/60 Hz
W7
UE7
Q7
V7
N7
R7
T7
S7
SC7
X7
Y7
Example of complete catalog number LC1K0910P7.
DC supply
Contactors LP1K (0.8–1.15 Uc)
Volts
12
20
24
36
48
60
72
100
110
125
155
174
200
220
230
240
250
Code
JD
ZD
BD
CD
ED
ND
SD
KD
FD
GD
PD
QD
LD
MD
MPD
MUD
UD
Coil with integral suppression device available, add 3 to the code required. Example JD3
Low consumption
Contactors LP4K (0.7–1.30 Uc), coil suppression as standard
Volts
12
20
24
48
72
110
120
Code
JW3
ZW3
BW3
EW3
SW3
FW3
GW3
Example of complete catalog number LC1K0910BD.
Te
Sys
K-line
Contactors
0.5–10 Hp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com