Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CSF10 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 9422CSF10
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF10 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 9422CSF10 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 18Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 19Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 20Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 21Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 22Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 23Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 24Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/20
5
Vario
Protection components 12–175 A
Switch disconnectors
Type
Mini-Vario for standard applications
Mounting door
Backplate mounting in enclosure
Handle color / Front plate
Red / Yellow
Black / Black
Red / Yellow
Front plate dimensions(mm)
60 x 60
60 x 60
Mounting
Ø 22.5 mm
Ø 22.5 mm
Degree of protection
IP 20
IP 20
Rated operational voltage (Ue)
600 V
600 V
Thermal current in open air(Ith)
10/12 A
VCDN12
VBDN12
VCCDN12
16/20 A
VCDN20
VBDN20
VCCDN20
Type
Vario for high performance applications
Mounting door
Backplate mounting in enclosure
Handle color/Front plate
Red / Yellow Black / Black Red / Yellow Black / Black Red / Yellow
Front plate dimensions
60 x 60 mm
60 x 60 mm
90 x 90 MM 60 x 60 mm
90 x 90 mm
Mounting
Ø 22.5 mm
4 screws
4 screws
Ø 22.5 mm 4 screws
4 screws
Degree of protection
IP 20
IP 20
IP 20
IP 20
IP 20
IP 20
Rated operational voltage (Ue)
600 V
600 V
600 V
600 V
600 V
600 V
Thermal current in open air :UL/IEC (A)
10/12 A
VCD02
VBD02
VCF02
VBF02
–
VCCD02
VCCF02
–
16/20 A
VCD01
VBD01
VCF01
VBF01
–
VCCD01
VCCF01
–
20/25 A
VCD0
VBD0
VCF0
VBF0
–
VCCD0
VCCF0
–
20/32 A
VCD1
VBD1
VCF1
VBF1
–
VCCD1
VCCF1
–
25/40 A
VCD2
VBD2
VCF2
VBF2
–
VCCD2
VCCF2
–
45/63 A
–
–
VCF3
VBF3
––
VCCF3
–
63/80 A
–
–
VCF4
VBF4
––
VCCF4
–
100/125 A
––––
VCF5
––
VCCF5
110/175 A
––––
VCF6
––
VCCF6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com