Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BC807W
Description  200mW, PNP Small Signal Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC807W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC807W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC807W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC807W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC807W Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC807-16W/25W/40W
200mW, PNP Small Signal Transistor
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : SOT-323 small outline plastic package
1.90
2.10
0.075
0.083
1.15
1.35
0.045
0.053
0.25
0.35
0.010
0.014
1.20
1.40
0.047
0.055
2.00
2.20
0.079
0.087
0.80
1.00
0.031
0.039
Package
Packing
Marking
SOT-323
3K / 7" Reel
5CR
SOT-323
3K / 7" Reel
5CS
SOT-323
3K / 7" Reel
5CT
SOT-323
3K / 7" Reel
5CR
SOT-323
3K / 7" Reel
5CS
SOT-323
3K / 7" Reel
5CT
Maximum Ratings
1)Transistor mounted on an FR4 printed-circuit board.
SOT-323
Type Number
Symbol
Epitaxial planar die construction
Weight : 0.005gram (approximately)
Maximum Ratings and Electrical Characteristics
C
Unit (mm)
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
5
200
Collector-Base Voltage
Collector-Emitter Voltage
VCBO
VCEO
BC807-40W RF
BC807-16W RFG
Unit (inch)
Dimensions
Suggested PAD Layout
V
B
E
V
45
50
Rating at 25°C ambient temperature unless otherwise specified.
Power Dissipation
PD
Units
mW
BC807-25W RFG
BC807-40W RFG
Value
Features
Mechanical Data
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
A
High temperature soldering guaranteed: 260°C/10s
F
D
Junction and Storage Temperature Range
TJ, TSTG
VEBO
Collector Current
IC
Emitter-Base Voltage
Thermal Resistance,Junction to Ambient
RөJA
Ordering Information
Part No.
BC807-16W RF
BC807-25W RF
V
°C
0.5
-55 to + 150
A
625
k/w
B
A
C
D
F
E
2 Emitter
3 Collector
1 Base
1.6
0.063
0.65
0.026
0.8
0.031
0.8
0.031
Version : A11


Similar Part No. - BC807W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
logo
Infineon Technologies A...
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC807W DIOTEC-BC807W Datasheet
174Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Galaxy Semi-Conductor H...
BC807W BILIN-BC807W Datasheet
155Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
SEMTECH ELECTRONICS LTD...
BC807W SEMTECH_ELEC-BC807W Datasheet
263Kb / 4P
PNP Silicon Epitaxial Planar Transistors
More results

Similar Description - BC807W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
200mW, NPN Small Signal Transistor
BC817W TSC-BC817W Datasheet
350Kb / 6P
200mW, NPN Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
200mW, PNP Small Signal Transistor
BC817-16W TSC-BC817-16W_14 Datasheet
158Kb / 6P
200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
200mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BC856A MCC-BC856A_13 Datasheet
521Kb / 5P
PNP Small Signal Transistor 200mW
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
NPN Small Signal Transistor 200mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com