Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

140PEX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 140PEX
Description  IMPEDANCE MATCHING TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

140PEX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  140PEX Datasheet HTML 1Page - List of Unclassifed Manufacturers 140PEX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hammond Mfg. Co. Ltd., Electronics Division
www.hammondmfg.com
140PEX
CHASSIS MOUNT – SHIELDED
IMPEDANCE MATCHING TRANSFORMER
This transformer operates in the 20 Hz to 20 KHz range.
The metal can provides excellent shielding from a broad
range of external sources. While the nickel core provides
high permeability combined with low losses.
Typical applications Input/output Isolation, Line Matching,
Driver, Hybrid applications.
ELECTRICAL SPECIFICATIONS
Characteristic
Typical
Input Impedance
150/600
Output Impedance
600/2400
Output Power
10.0 dbm
DCR
Primary
58.0
BRN – RED
29.0
ORG - YEL
29.0
Secondary
190.0
GRN – BLU
95.0
VIO - GRY
95.0
Inductance
@ 1.0 kHz, 1.0 V OC
Primary
14.5 H
Secondary
55.0 H
Impedance
@ 1.0 kHz, 1.0 V OC
Primary
7.0 k
Secondary
26.0 k
Frequency Response
±1db from 20 Hz to 20KHz
Turns ratio
1:1, 1:2, 1:4
Insertion Loss
<0.8 db
Return Loss
30 db
Longitudinal balance
-70 db
Dielectric Strength
500 Vrms
140PEX
5mW 20Hz - 20kHz
MADE IN CANADA
YELLOW
BROWN
PRIMARY
SECONDARY
GREEN
GRAY
600/2400
BLUE
ORANGE
150/600
VIOLET
RED
SCHEMATIC DIAGRAM


Similar Part No. - 140PEX

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
140PEX HAMMOND-140PEX Datasheet
344Kb / 1P
IMPEDANCE MATCHING TRANSFORMER
More results

Similar Description - 140PEX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
140NEX ETC2-140NEX Datasheet
313Kb / 2P
IMPEDANCE MATCHING TRANSFORMER
140QEX ETC2-140QEX Datasheet
341Kb / 2P
IMPEDANCE MATCHING TRANSFORMER
140REX ETC2-140REX Datasheet
330Kb / 2P
IMPEDANCE MATCHING TRANSFORMER
140TEX ETC2-140TEX Datasheet
323Kb / 2P
IMPEDANCE MATCHING TRANSFORMER
140UEX ETC2-140UEX Datasheet
317Kb / 2P
IMPEDANCE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
140TEX HAMMOND-140TEX Datasheet
323Kb / 1P
IMPEDANCE MATCHING TRANSFORMER
140QEX HAMMOND-140QEX Datasheet
341Kb / 1P
IMPEDANCE MATCHING TRANSFORMER
140MEX HAMMOND-140MEX Datasheet
311Kb / 1P
IMPEDANCE MATCHING TRANSFORMER
logo
JFW Industries, Inc.
57ZT JFW-57ZT_18 Datasheet
26Kb / 1P
IMPEDANCE MATCHING TRANSFORMER
57ZT-12G JFW-57ZT-12G Datasheet
26Kb / 1P
IMPEDANCE MATCHING TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com