Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPT02A8-36SW Datasheet(PDF) 3 Page - ITT Industries

Part # KPT02A8-36SW
Description  Miniature circular connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT02A8-36SW Datasheet(HTML) 3 Page - ITT Industries

  KPT02A8-36SW Datasheet HTML 1Page - ITT Industries KPT02A8-36SW Datasheet HTML 2Page - ITT Industries KPT02A8-36SW Datasheet HTML 3Page - ITT Industries KPT02A8-36SW Datasheet HTML 4Page - ITT Industries KPT02A8-36SW Datasheet HTML 5Page - ITT Industries KPT02A8-36SW Datasheet HTML 6Page - ITT Industries KPT02A8-36SW Datasheet HTML 7Page - ITT Industries KPT02A8-36SW Datasheet HTML 8Page - ITT Industries KPT02A8-36SW Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
KPT/KPSE
Miniature circular connectors
Technical Data
KPT
KPSE
Material and Finishes
Shell
Aluminum alloy, conductive olive drab chromate over cadmium finish per QQ-P-416
Insulator
Polychloroprene
Polychloroprene
Grommet and Seal
Polychloroprene
Polychloroprene
Contacts
Copper alloy, gold plated
Copper alloy, gold plated
Mechanical Data
Shell styles
00 – Wall mounting receptacle
07 – Jam nut receptacle
01 – Cable connecting plug
08 – Plug with 90
° termination assemblies
02 – Box mounting receptacle
B – Thru-bulkhead receptacle (KPT only)
06 – Straight plug
Shell sizes
8 thru 24
Polarisation/Coupling
five keyways/three point bayonet
Service classes
A – General duty
G – Gland seal for jacketed cable
B – General duty with strain relief
J – Gland nut with strain relief for jacketed cable
E – Grommet seal
E – Grommet seal
P – for potting
F – Grommet seal with strain relief
see also pages 5 and 8
Water tightness
Acc. to VG 95319 Part 2, Test No. 5.9.2
For styles A to E and J to W, Z1, Z2 and Z3 and gaskets style A and B only
Test pressure 0,2 bar overpressure
Test duration 48 h
Test temperature 25
± 3°C
The connector shall be free of moisture
Operating temperature
– 55 / 125
°C
Durability
min. 500 mating cycles
Vibration
200 m/s2 at 10 to 2000 Hz
Electrical Data
Number of contacts
2 thru 61
3 thru 61
Wire size AWG
16 thru 24
12 thru 24
Contact termination
Solder
Crimp
Contact rating
Size AWG
Rated current A
Test current A
Millivolt drop mV
20
7,5
7,5
less than 55
16
22,0
13,0
less than 50
Insulation resistance
⊕ 5000 MW
Service rating
Test voltage
Service class
Vrms
VDC
With scoop proof connectors
Sea level
1
1500
2100
operating voltages
2
2300
3200
acc. to MIL-C-26482 and
21336 m
1
375
535
VG 96912 are
(70 000 ft.)
2
550
770
permitted
Operating voltage
Service class
VG 95328
MIL-C-26482
1
140 VDC/100 VAC
850 VDC/600 VAC
2
165 VDC/115 VAC
1400 VDC/1000 VAC
Exception
Service rating between the
central contact and the housing
of the coaxial contact
Connectors are equipment which must not be separated or mated when used as per determination. As acc. to
specification the connectors are suitable for an operating voltage of 50 V (see Product Safety Information).
However, this is only valid when the connectors are free accessible during operation and consequently might
be touchable. When the connectors will be operated with line voltage, ITT Cannon offers a solution, too. Please
consult factory.
Operating voltage and connector usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com