Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP54-16 Datasheet(PDF) 11 Page - EPCOS

Part # BCP54-16
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54-16 Datasheet(HTML) 11 Page - EPCOS

Back Button BCP54-16 Datasheet HTML 7Page - EPCOS BCP54-16 Datasheet HTML 8Page - EPCOS BCP54-16 Datasheet HTML 9Page - EPCOS BCP54-16 Datasheet HTML 10Page - EPCOS BCP54-16 Datasheet HTML 11Page - EPCOS BCP54-16 Datasheet HTML 12Page - EPCOS BCP54-16 Datasheet HTML 13Page - EPCOS BCP54-16 Datasheet HTML 14Page - EPCOS BCP54-16 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
19
04/00
An interference source which is at a floating potential primarily emits differential-mode, i.e. symmet-
rical interference which is propagated along the connected lines. On power lines, the interference
current will flow towards the disturbed equipment on one wire and away from it on the other wire,
just as the mains current does.
Symmetrical or differential-mode interference occurs mainly at low frequencies (up to several
hundred kHz).
However, parasitic capacitances in interference sources and disturbed equipment or intended
ground connections, also lead to an interference current in the ground circuit. This interference cur-
rent flows towards the disturbed equipment through both the connecting lines and returns to the in-
terference source through the ground lines.The currents on the connecting lines are in common
mode and the interference is thus designated as common-mode or asymmetrical interference.
Since the parasitic capacitances will tend towards representing a short-circuit with increasing fre-
quencies and the coupling to the connecting cables and the equipment itself will increase corre-
spondingly, common-mode interference becomes dominant at multiple-MHz frequencies.
In European usage, the concept of an “unsymmetrical interference” is used, in addition to the two
components described above, to describe interference. This term is used to describe the interfer-
ence voltage between a line and reference ground potential.
2.6
Filter circuits and line impedance
Interference suppression filters are virtually always designed as reflecting lowpass filters, i.e. they
reach their highest insertion loss when they are - on the one hand - mismatched to the impedance
of the interference source or disturbed equipment and - on the other hand - mismatched to the im-
pedance of the line. Possible filter circuits for various line, interference source and disturbed equip-
ment impedance conditions are shown in fig. 9.
Fig. 9
Filter circuits and impedance relationships
Line
Impedance of
impedance
source of interference / disturbed equipment
low
high
high
high
high
high
unknown
unknown
low
low
low
low
unknown
unknown
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com