Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8563TS-T Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8563TS-T
Description  Real-time clock/calendar
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563TS-T Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8563TS-T Datasheet HTML 29Page - NXP Semiconductors PCF8563TS-T Datasheet HTML 30Page - NXP Semiconductors PCF8563TS-T Datasheet HTML 31Page - NXP Semiconductors PCF8563TS-T Datasheet HTML 32Page - NXP Semiconductors PCF8563TS-T Datasheet HTML 33Page - NXP Semiconductors PCF8563TS-T Datasheet HTML 34Page - NXP Semiconductors PCF8563TS-T Datasheet HTML 35Page - NXP Semiconductors PCF8563TS-T Datasheet HTML 36Page - NXP Semiconductors PCF8563TS-T Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 3 April 2012
33 of 50
NXP Semiconductors
PCF8563
Real-time clock/calendar
VDD = 3 V; Timer = 1 minute.
Tamb =25 C; normalized to VDD =3V.
Fig 26. Supply current IDD as a function of
temperature T; CLKOUT = 32 kHz
Fig 27. Frequency deviation as a function of supply
voltage VDD
−40
0
40
120
mgr890
80
T (
°C)
1
0
0.4
0.2
0.8
0.6
IDD
(
μA)
02
6
4
2
−4
−2
0
mgr891
4
VDD (V)
frequency
deviation
(ppm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com