Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321-CC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45DB321-CC
Description  32-Megabit 2.7-volt Only Serial DataFlash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321-CC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45DB321-CC Datasheet HTML 3Page - ATMEL Corporation AT45DB321-CC Datasheet HTML 4Page - ATMEL Corporation AT45DB321-CC Datasheet HTML 5Page - ATMEL Corporation AT45DB321-CC Datasheet HTML 6Page - ATMEL Corporation AT45DB321-CC Datasheet HTML 7Page - ATMEL Corporation AT45DB321-CC Datasheet HTML 8Page - ATMEL Corporation AT45DB321-CC Datasheet HTML 9Page - ATMEL Corporation AT45DB321-CC Datasheet HTML 10Page - ATMEL Corporation AT45DB321-CC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AT45DB321
7
Note:
1. After power is applied and VCC is at the minimum specified data sheet value, the system should wait 20 ms before an oper-
ational mode is started.
Absolute Maximum Ratings*
Temperature Under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
DC and AC Operating Range
AT45DB321
Operating Temperature (Case)
Com.
0
°C to 70°C
Ind.
-40
°C to 85°C
V
CC Power Supply
(1)
2.7V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com