Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1769IGN Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769IGN Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1769IGN Datasheet HTML 7Page - Linear Integrated Systems LT1769IGN Datasheet HTML 8Page - Linear Integrated Systems LT1769IGN Datasheet HTML 9Page - Linear Integrated Systems LT1769IGN Datasheet HTML 10Page - Linear Integrated Systems LT1769IGN Datasheet HTML 11Page - Linear Integrated Systems LT1769IGN Datasheet HTML 12Page - Linear Integrated Systems LT1769IGN Datasheet HTML 13Page - Linear Integrated Systems LT1769IGN Datasheet HTML 14Page - Linear Integrated Systems LT1769IGN Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1769
1769fa
APPLICATIONS INFORMATION
holding the battery at “float” voltage indefinitely. In this
case no external sensing of full charge is needed.
Battery Voltage Sense Resistors Selection
To minimize battery drain when the charger is off, current
through the R3/R4 divider is set at 15
µA. The input current
to the OVP pin is 3nA and the error can be neglected.
With divider current set at 15
µA, VBAT = 8.4V, R4 =
2.465/15
µA = 162k and,
R3
R4 V
2.465
2.465
162k 8.4
2.465
2.465
390k
BAT
= ()
−
()
=
−
()
=
Li-Ion batteries typically require float voltage accuracy of
1%. Accuracy of the LT1769 OVP voltage is
±0.5% at
25
°C and ±1% over full temperature. This leads to the
possibility that very accurate (0.1%) resistors might be
needed for R3 and R4. Actually, the temperature of the
LT1769 will rarely exceed 50
°C in float mode because
charging currents have tapered off to a low level, so
0.25% resistors will normally provide the required level of
overall accuracy.
When power is on, there is about 200
µA of current flowing
out of the BAT and SENSE pins. If the battery is removed
during charging, and total load including R3 and R4 is less
than 200
µA, VBAT could float up to VCC even though the
loop has turned switching off. To keep VBAT regulated to
the battery voltage in this condition, R3 and R4 can be
chosen to draw 0.5mA and Q3 can be added to disconnect
them when power is off (Figure 4). R5 isolates the OVP pin
from any high frequency noise on VIN. An alternative method
Figure 4. Disconnecting Voltage Divider
PWM
RPROG
4.7k
300
Ω
PROG
CPROG
1
µF
Q1
VN2222
5V
0V
LT1769
1769 F03
IBAT = (DC)(2A)
Figure 3. PWM Current Programming
R3
12k
0.25%
R4
4.99k
0.25%
OVP
VIN
+
8.4V
VBAT
Q3
VN2222
LT1769
1769 F04
R5
220k
is to use a Zener diode with a breakdown voltage two or three
volts higher than battery voltage to clamp the VBAT voltage.
Battery manufacturers recommend terminating the con-
stant-voltage float mode after charge current has dropped
below a specified level (typically around 10% of the full
current)
and a further time out period of 30 to 90 minutes
has elapsed. This may extend battery life, so check with the
manufacturer for details. The circuit in Figure 5 will detect
when charge current has dropped below 270mA. This
logic signal is used to initiate a timeout period, after which
the LT1769 can be shut down by pulling the VC pin low with
an open collector or drain. Some external means must be
used to detect the need for additional charging or the
Figure 5. Current Comparator for Initiating Float Time Out
NEGATIVE EDGE
TO TIMER
1769 F04
3.3V OR 5V
ADAPTER
OUTPUT
3
8
7
1
4
2
D1
1N4148
C1
0.1
µF
BAT
SENSE
R1*
1.6k
RS1
0.05
Ω
R4
470k
R3
430k
R2
560k
LT1011
D2
1N4148
* TRIP CURRENT =
=
≈ 270mA
R1(VBAT)
(R2 + R3)(RS1)
(1.6k)(8.4V)
(560k + 430k)(0.05
Ω)
+
–
VBAT
BAT
RS3
200
Ω
RS2
200
Ω
LT1769
IBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com