Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0402270KFHTAP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCW0402270KFHTAP
Description  Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0402270KFHTAP Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCW0402270KFHTAP Datasheet HTML 1Page - Vishay Siliconix CRCW0402270KFHTAP Datasheet HTML 2Page - Vishay Siliconix CRCW0402270KFHTAP Datasheet HTML 3Page - Vishay Siliconix CRCW0402270KFHTAP Datasheet HTML 4Page - Vishay Siliconix CRCW0402270KFHTAP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D../CRCW....-P
Lead (Pb)-bearing Thick Film, Rectangular
Precision Chip Resistor
Vishay
Document Number: 20009
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
www.vishay.com
Revision: 13-Oct-08
137
Notes
(1) For sizes 0402 until 1206 the measuring conditions are in acc. to EN 140401-802. For all other sizes the result depends on the solder pad
dimensions.
(2) Rated voltage:
(3) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
D10/
CRCW0402-P
D11/
CRCW0603-P
D12/
CRCW0805-P
D25/
CRCW1206-P
CRCW1210-P CRCW1218-P CRCW2010-P CRCW2512-P
Rated Dissipation
at 70 °C (3)
W
0.063
0.1
0.125
0.25
0.33
1
0.5
1
Limiting Element
Voltage (2)
V
≅
50
75
150
200
200
200
400
500
Insulation Voltage
(1 min)
Vpeak
> 75
> 100
> 200
> 300
> 300
> 300
> 300
> 300
Thermal Resistance (1) K/W
≤ 870
≤ 550
≤ 440
≤ 220
≤ 140
≤ 65
≤ 88
≤ 65
Insulation Resistance
Ω
> 109
Category Temperature
Range
°C
- 55 to + 155
Failure Rate
h-1
0.3 x 10-9
Weight/1000 pieces
g
0.65
2
5.5
10
16
29.5
25.5
40.5
PxR
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRCW080525R0DKTAP (4)
MODEL/SIZE
VALUE
TOLERANCE
TCR
PACKAGING (5)
SPECIAL
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
R = Decimal
K = Thousand
M = Million
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
E = ± 25 ppm/K
H = ± 50 ppm/K
K = ± 100 ppm/K
TA, TB,
TC, TD,
TE, TF,
TG, TH,
TI, TK,
TL
up to 2 digits
P = Precision
PRODUCT DESCRIPTION: CRCW0805 25R0 D 100 RT1
CRCW0805
25R0
D
100
RT1
MODEL
RESISTANCE VALUE
TOLERANCE
TCR
PACKAGING (5)
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
49R9 = 49.9
Ω
5R1 = 5.1
Ω
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
± 25 ppm/K
± 50 ppm/K
± 100 ppm/K
RT1, RT5,
RT6, RT7
RT4, R02,
R67, R82,
RG1, RT9,
R20
Notes
(4)Preferred way for ordering products is by use of the PART NUMBER
(5) Please refer to table PACKAGING, see next page
C
R
0
C
W
8
0
5
5
2
R
0
T
D
K
A
P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com