Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2986 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 1 Page - Texas Instruments

  LP2986 Datasheet HTML 1Page - Texas Instruments LP2986 Datasheet HTML 2Page - Texas Instruments LP2986 Datasheet HTML 3Page - Texas Instruments LP2986 Datasheet HTML 4Page - Texas Instruments LP2986 Datasheet HTML 5Page - Texas Instruments LP2986 Datasheet HTML 6Page - Texas Instruments LP2986 Datasheet HTML 7Page - Texas Instruments LP2986 Datasheet HTML 8Page - Texas Instruments LP2986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LP2986
www.ti.com
SNVS137H – MARCH 1999 – REVISED APRIL 2013
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
Check for Samples: LP2986
1
FEATURES
DESCRIPTION
The LP2986 is a 200 mA precision LDO voltage
23
Ultra Low Dropout Voltage
regulator
which
offers
the
designer
a
higher
Ensured 200 mA Output Current
performance version of the industry standard LP2951.
SOIC-8 and VSSOP-8 Surface Mount Packages
Using an optimized VIP™ (Vertically Integrated PNP)
<1
μA Quiescent Current when Shutdown
process, the LP2986 delivers superior performance:
Low Ground Pin Current at All Loads
Dropout Voltage: Typically 180 mV @ 200 mA load,
0.5% Output Voltage Accuracy (“A” Grade)
and 1 mV @ 1 mA load.
High Peak Current Capability (400 mA Typical)
Ground Pin Current: Typically 1 mA @ 200 mA
Wide Supply Voltage Range (16V Max)
load, and 200
μA @ 10 mA load.
Overtemperature/Overcurrent Protection
Sleep Mode: The LP2986 draws less than 1
μA
−40°C to +125°C Junction Temperature Range
quiescent current when shutdown pin is pulled low.
Error Flag: The built-in error flag goes low when the
APPLICATIONS
output drops approximately 5% below nominal.
Cellular Phone
Precision Output: The standard product versions
Palmtop/Laptop Computer
available can be pin-strapped (using the internal
resistive divider) to provide output voltages of 5.0V,
Camcorder, Personal Stereo, Camera
3.3V, or 3.0V with ensured accuracy of 0.5% (“A”
grade) and 1% (standard grade) at room temperature.
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VIP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3/NOPB TI1-LP2986AILD-3.3/NOPB Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILDX-3.3 TI-LP2986AILDX-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
More results

Similar Description - LP2986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI-LP2986_15 Datasheet
1Mb / 33P
LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com