Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2989
Description  LP2989 Micropower/Low Noise, 500 mA Ultra Low-Dropout RegulatorFor Use with Ceramic Output Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989 Datasheet(HTML) 4 Page - Texas Instruments

  LP2989 Datasheet HTML 1Page - Texas Instruments LP2989 Datasheet HTML 2Page - Texas Instruments LP2989 Datasheet HTML 3Page - Texas Instruments LP2989 Datasheet HTML 4Page - Texas Instruments LP2989 Datasheet HTML 5Page - Texas Instruments LP2989 Datasheet HTML 6Page - Texas Instruments LP2989 Datasheet HTML 7Page - Texas Instruments LP2989 Datasheet HTML 8Page - Texas Instruments LP2989 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
8 Lead LLP
2.5
A
LP2989AILD-2.5
L01FA
1000 Units on Tape and Reel
2.5
A
LP2989AILDX-2.5
L01FA
4500 Units on Tape and Reel
2.5
STD
LP2989ILD-2.5
L01FAB
1000 Units on Tape and Reel
2.5
STD
LP2989ILDX-2.5
L01FAB
4500 Units on Tape and Reel
2.8
A
LP2989AILD-2.8
L000A
1000 Units on Tape and Reel
2.8
A
LP2989AILDX-2.8
L000A
4500 Units on Tape and Reel
2.8
STD
LP2989ILD-2.8
L000AB
1000 Units on Tape and Reel
2.8
STD
LP2989ILDX-2.8
L000AB
4500 Units on Tape and Reel
2.85
A
LP2989AILD-285
L01TA
1000 Units on Tape and Reel
2.85
A
LP2989AILDX-285
L01TA
4500 Units on Tape and Reel
2.85
STD
LP2989ILD-285
L01TAB
1000 Units on Tape and Reel
2.85
STD
LP2989ILDX-285
L01TAB
4500 Units on Tape and Reel
3.0
A
LP2989AILD-3.0
L01HA
1000 Units on Tape and Reel
3.0
A
LP2989AILDX-3.0
L01HA
4500 Units on Tape and Reel
3.0
STD
LP2989ILD-3.0
L01HAB
1000 Units on Tape and Reel
3.0
STD
LP2989ILDX-3.0
L01HAB
4500 Units on Tape and Reel
3.3
A
LP2989AILD-3.3
L01JA
1000 Units on Tape and Reel
3.3
A
LP2989AILDX-3.3
L01JA
4500 Units on Tape and Reel
3.3
STD
LP2989ILD-3.3
L01JAB
1000 Units on Tape and Reel
3.3
STD
LP2989ILDX-3.3
L01JAB
4500 Units on Tape and Reel
3.6
A
LP2989AILD-3.6
L019A
1000 Units on Tape and Reel
3.6
A
LP2989AILDX-3.6
L019A
4500 Units on Tape and Reel
3.6
STD
LP2989ILD-3.6
L019AB
1000 Units on Tape and Reel
3.6
STD
LP2989ILDX-3.6
L019AB
4500 Units on Tape and Reel
4.0
A
LP2989AILD-4.0
L01LA
1000 Units on Tape and Reel
4.0
A
LP2989AILDX-4.0
L01LA
4500 Units on Tape and Reel
4.0
STD
LP2989ILD-4.0
L01LAB
1000 Units on Tape and Reel
4.0
STD
LP2989ILDX-4.0
L01LAB
4500 Units on Tape and Reel
5.0
A
LP2989AILD-5.0
L01KA
1000 Units on Tape and Reel
5.0
A
LP2989AILDX-5.0
L01KA
4500 Units on Tape and Reel
5.0
STD
LP2989ILD-5.0
L01KAB
1000 Units on Tape and Reel
5.0
STD
LP2989ILDX-5.0
L01KAB
4500 Units on Tape and Reel
8 Lead MSOP (MM)
2.5
A
LP2989AIMM-2.5
LA0A
1000 Units on Tape and Reel
2.5
A
LP2989AIMMX-2.5
LA0A
3500 Units on Tape and Reel
2.5
STD
LP2989IMM-2.5
LA0B
1000 Units on Tape and Reel
2.5
STD
LP2989IMMX-2.5
LA0B
3500 Units on Tape and Reel
2.8
A
LP2989AIMM-2.8
LA6A
1000 Units on Tape and Reel
2.8
A
LP2989AIMMX-2.8
LA6A
3500 Units on Tape and Reel
2.8
STD
LP2989IMM-2.8
LA6B
1000 Units on Tape and Reel
2.8
STD
LP2989IMMX-2.8
LA6B
3500 Units on Tape and Reel
3.0
A
LP2989AIMM-3.0
LA1A
1000 Units on Tape and Reel
3.0
A
LP2989AIMMX-3.0
LA1A
3500 Units on Tape and Reel
3.0
STD
LP2989IMM-3.0
LA1B
1000 Units on Tape and Reel
3.0
STD
LP2989IMMX-3.0
LA1B
3500 Units on Tape and Reel
3.3
A
LP2989AIMM-3.3
LA2A
1000 Units on Tape and Reel
3.3
A
LP2989AIMMX-3.3
LA2A
3500 Units on Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com