Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2996MR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MR
Description  LP2996-N DDR Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996MR Datasheet(HTML) 3 Page - Texas Instruments

  LP2996MR Datasheet HTML 1Page - Texas Instruments LP2996MR Datasheet HTML 2Page - Texas Instruments LP2996MR Datasheet HTML 3Page - Texas Instruments LP2996MR Datasheet HTML 4Page - Texas Instruments LP2996MR Datasheet HTML 5Page - Texas Instruments LP2996MR Datasheet HTML 6Page - Texas Instruments LP2996MR Datasheet HTML 7Page - Texas Instruments LP2996MR Datasheet HTML 8Page - Texas Instruments LP2996MR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LP2996-N
www.ti.com
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
Operating Range
Junction Temp. Range(1)
0°C to +125°C
AVIN to GND
2.2V to 5.5V
PVIN Supply Voltage
0 to AVIN
SD Input Voltage
0 to AVIN
(1)
At elevated temperatures, devices must be derated based on thermal resistance. The device in the SOIC-8 package must be derated at
θJA = 151.2° C/W junction to ambient with no heat sink.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C and limits in boldface type apply over the full Operating
Temperature Range (TJ = 0°C to +125°C)
(1). Unless otherwise specified, AVIN = PVIN = 2.5V, VDDQ = 2.5V(2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
VREF Voltage
VIN = VDDQ = 2.3V
1.135
1.158
1.185
VIN = VDDQ = 2.5V
1.235
1.258
1.285
V
VIN = VDDQ = 2.7V
1.335
1.358
1.385
ZVREF
VREF Output Impedance
IREF = -30 to +30 μA
2.5
k
Ω
VTT
VTT Output Voltage
IOUT = 0A
VIN = VDDQ = 2.3V
1.125
1.159
1.190
VIN = VDDQ = 2.5V
1.225
1.259
1.290
VIN = VDDQ = 2.7V
1.325
1.359
1.390
V
IOUT = ±1.5A
(3)
VIN = VDDQ = 2.3V
1.125
1.159
1.190
VIN = VDDQ = 2.5V
1.225
1.259
1.290
VIN = VDDQ = 2.7V
1.325
1.359
1.390
VosTT/VTT
VTT Output Voltage Offset
IOUT = 0A
-20
0
20
(VREF-VTT)
IOUT = -1.5A
(3)
-25
0
25
mV
IOUT = +1.5A
(3)
-25
0
25
IQ
Quiescent Current(4)
IOUT = 0A
(1)
320
500
µA
ZVDDQ
VDDQ Input Impedance
100
k
Ω
ISD
Quiescent Current in
SD = 0V
115
150
µA
Shutdown(4)
IQ_SD
Shutdown Leakage Current
SD = 0V
2
5
µA
VIH
Minimum Shutdown High
1.9
V
Level
VIL
Maximum Shutdown Low
0.8
V
Level
IV
VTT Leakage Current in
SD = 0V
1
10
µA
Shutdown
VTT = 1.25V
ISENSE
VSENSE Input Current
13
nA
TSD
Thermal Shutdown
See(5)
165
Celcius
TSD_HYS
Thermal Shutdown Hysteresis
10
Celcius
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate Texas Instruments' Average Outgoing Quality Level (AOQL).
(2)
VIN is defined as VIN = AVIN = PVIN.
(3)
VTT load regulation is tested by using a 10 ms current pulse and measuring VTT.
(4)
Quiescent current defined as the current flow into AVIN.
(5)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction to ambient thermal
resistance,
θJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature and the regulator will go into thermal shutdown.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com