Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38851 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38851
Description  LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38851 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38851 Datasheet HTML 9Page - Texas Instruments LP38851 Datasheet HTML 10Page - Texas Instruments LP38851 Datasheet HTML 11Page - Texas Instruments LP38851 Datasheet HTML 12Page - Texas Instruments LP38851 Datasheet HTML 13Page - Texas Instruments LP38851 Datasheet HTML 14Page - Texas Instruments LP38851 Datasheet HTML 15Page - Texas Instruments LP38851 Datasheet HTML 16Page - Texas Instruments LP38851 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
+
R2
R1
1
x
= V
V
ADJ
OUT
¸
¹
·
¨
©
§
¸
©
§
¨
¨
¹
·
LP38851
www.ti.com
SNVS492C – JUNE 2007 – REVISED APRIL 2013
Figure 30. FZERO and FPOLE vs Gain
SETTING THE OUTPUT VOLTAGE
(Refer to TYPICAL APPLICATION CIRCUIT)
The output voltage is set using the external resistive divider R1 and R2. The output voltage is given by the
formula:
(5)
The resistors used for R1 and R2 should be high quality, tight tolerance, and with matching temperature
coefficients. It is important to remember that, although the value of VADJ is specified, the use of low quality
resistors for R1 and R2 can easily produce a VOUT value that is unacceptable.
It is recommended that the values selected for R1 and R2 are such that the parallel value is less than 10 k
Ω.
This is to prevent internal parasitic capacitances on the ADJ pin from interfering with the FZ pole set by R1 and
CFF.
( (R1 x R2) / (R1 + R2) )
≤ 10 kΩ
(6)
Table 1 lists some suggested, best fit, standard ±1% resistor values for R1 and R2, and a standard ±10%
capacitor values for CFF, for a range of VOUT values. Other values of R1, R2, and CFF are available that will give
similar results.
Table 1.
VOUT
R1
R2
CFF
FZ
0.8V
1.07 k
Ω
1.78 k
Ω
220 pF
676 kHz
0.9V
1.50 k
Ω
1.87 k
Ω
180 pF
589 kHz
1.00V
1.00 k
Ω
1.00 k
Ω
270 pF
589 kHz
1.1V
1.65 k
Ω
1.37 k
Ω
150 pF
643 kHz
1.2V
1.40 k
Ω
1.00 k
Ω
180 pF
631 kHz
1.3V
1.15 k
Ω
715
Ω
220 pF
629 kHz
1.4V
1.07 k
Ω
590
Ω
220 pF
676 kHz
1.5V
2.00 k
Ω
1.00 k
Ω
120pF
663 kHz
1.6V
1.65 k
Ω
750
Ω
150 pF
643 kHz
1.7V
2.55 k
Ω
1.07 k
Ω
100 pF
624 kHz
1.8V
2.94 k
Ω
1.13 k
Ω
82 pF
660 kHz
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com