Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1DL Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # HS1DL
Description  1.0AMP High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1DL Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  HS1DL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1DL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS1DL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS1DL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sub-SMA
8mm
RU
Sub-SMA
8mm
RV
Sub-SMA
8mm
RT
Sub-SMA
8mm
MT
Sub-SMA
8mm
RQ
Sub-SMA
8mm
MQ
Sub-SMA
12mm
R3
Sub-SMA
12mm
RF
Sub-SMA
12mm
R2
Sub-SMA
12mm
M2
Sub-SMA
12mm
RH
Sub-SMA
12mm
MH
AB
C
D
N
G
T
±2.0
±0.4
+0.5;-0.2
min
±1.0
+0.8;-0
max
8mm
8.2
10.6
12mm
12.2
14.6
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
8mm
8.5
14.5
12mm
12.4
18.4
Unit (mm)
7.5K / 13" REEL
MTG
10K / 13" REEL
MQG
7.5K / 13" REEL
M2G
Ordering information
Part No.
Package
Packing
Tape
Size
Packing
code
Green Compound
Packing code
HS1XL
(Note)
1.8K / 7" REEL
RUG
3K / 7" REEL
RVG
7.5K / 13" REEL
RTG
10K / 13" REEL
RQG
1.8K / 7" REEL
R3G
3K / 7" REEL
RFG
7.5K / 13" REEL
R2G
10K / 13" REEL
MHG
10K / 13" REEL
RHG
Note: "x" is Device Code from "A" thru "M".
Tape & Reel specification
Reel Size Tape Size
7"
178
1.9
13
21
62
Reel Size Tape Size
13"
330
2
13
20.2
75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com