Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1910CSRLG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS1910CSRLG
Description  680kHz/1.2MHz High Voltage Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1910CSRLG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1910CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS1910
680kHz/1.2MHz High Voltage Boost Converter
5/8
Version: A12
Compensation Table
Frequency(Hz)
L1 (H)
VIN (V)
VOUT (V)
R6 (
Ω)
C7 (F)
680K
(FREQ=Low)
6.8u
2.5~4.4
5
10K
1.2n
2.5~5.5
7
15K
470p
2.5~5.5
9
27K
270p
2.5~5.5
12
56K
150p
2.5~5.5
15
150K
120p
2.5~5.5
18
110K
100p
2.5~5.5
21
150K
82p
2.5~5.5
24
100K
47p
1.2M
(FREQ=High)
4.7u
2.5~4.0
5
33K
1n
2.5~5.5
7
39K
390p
2.5~5.5
9
39K
220p
2.5~5.5
12
100K
100p
2.5~5.5
15
130K
68p
2.5~5.5
18
150K
56p
2.5~5.5
21
220K
47p
2.5~5.5
24
390K
39p
Application Information
Setting the Output Voltage
Application circuit item shows the basic application circuit with TS1910 adjustable output version. The external
resistor sets the output voltage according to the following equation:
VOUT=1.238V x (1+R2/R8)
For most applications, R8 is a suggested a value by 10~30KΩ. Place the resistor-divider as close to the IC as
possible to reduce the noise sensitivity.
Soft Start Capacitor
The soft-start function begins from SS pin Voltage=0V to VCC with a 7uA (typ.) constant current charging to the soft-
start capacitor, so the capacitor should be large enough to let the output voltage reach regulation inside the soft-start
cycle. Typical value of soft-start capacitor range is from 4.7nF to 100nF. After the cycle finished, the load can start to
draw maximum current as required.
Frequency Select Pin (FREQ)
The frequency select pin FREQ allows to set the switching frequency of the device to 680 KHz (FREQ = low) or 1.2
MHz (FREQ = high). Higher switching frequency improves load transient response but reduces slightly the
efficiency. The other benefits of higher switching frequency are a lower output ripple voltage. Usually, it is
recommended to use 1.2 MHz switching frequency unless light load efficiency is a major concern.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com