Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0156BA02422S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0156BA02422S
Description  156 MHz SAW Filter 10 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0156BA02422S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0156BA02422S Datasheet HTML 1Page - API Technologies Corp SF0156BA02422S Datasheet HTML 2Page - API Technologies Corp SF0156BA02422S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
156 MHz SAW Filter
10 MHz Bandwidth
Part Number: SF0156BA02422S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0156BA02422S Rev A
11-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
3
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
156.0
-
MHz
Minimum Insertion Loss
2
-
20.2
22
dB
1 dB Bandwidth
10
-
MHz
Amplitude Variation (151 to 161 MHz)
-
1
dB p-p
Group Delay Ripple (151 to 161 MHz)
-
150
ns p-p
Relative Attenuation at 141.0 MHz
45
-
dB
Relative Attenuation at 149.0 MHz
40
-
dB
Relative Attenuation at 163.0 MHz
40
-
dB
Relative Attenuation at 171.0 MHz
45
-
dB
Ultimate Rejection
50
-
dB
Source and Load Impedance
-
50
-
ohms
Input Power
+10
-
dBm
Ambient Temperature (Tref)
-
23
-
°C
Notes:
1. Average of the lower and upper 3 dB band edge frequencies.
2. All dB values are referenced to the insertion loss.
3. Specifications are valid for a temperature of 23C.
4. Typical change of filter frequency response with temperature is ∆f = (T-Tref)*Tc*Fc, in ppm.
MAXIMUM RATINGS
Parameter
Min
Typ
Max
Units
Storage Temperature Range
-40
25
85
˚C
Operating Temperature Range (T)
-10
25
65
˚C
Temperature Coefficient of Frequency (Tc)
4
-
-23
-
ppm/˚C
Input Power Level
-
10
13
dBm
MATCHING CIRCUIT
Typical component values:
Notes:
1. Recommend use of 2% tolerance matching components. Inductor Q=45.
2. Component values are for reference only and may change depending on board layout.
Ls1
=
18
nH
Ls2
=
18
nH
Lp1
=
18
nH
Lp2
=
22
nH
Rp1 =
560
Ω
Rp2
=
560
Ω
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
11
5
All other pads
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com