Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19702 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19702
Description  High Power Factor Corrector LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19702 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19702 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS19702
High Power Factor Corrector LED Driver
2/9
Version: A12
Electrical Characteristics (VCC=15 , TA=25℃, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Startup Current (VCC=UVLO on - 1V)
ISTART
--
8
15
uA
Operating Current (with 1nF load on OUT pin),
Vcomp = 2.5V
IOPR
--
2
3
mA
Operating Current (with 1nF load on OUT pin),
Protection Tripped (OCP, OVP, SCP, OTP)
IOPR
--
0.7
1
mA
UVLO(off)
UVLOOFF
7
8
9
V
UVLO(on)
UVLOON
14
15
16
V
OVP Level on VCC Pin
VOVP
26.5
28
29.5
V
OVP De-Bounce Time
TOVP
--
40
--
us
Voltage Feedback
Feedback Reference Voltage
VFB
0.196
0.200
0.204
V
Tran-Conductance
--
120
--
uS
Output Sink Current
ISINK
--
12
--
uA
Output Source Current
ISOURCE
--
12
--
uA
Current Sensing
Input Over Voltage Protection
VIN-PROTECT
0.7
0.80
0.9
V
Open Loop Voltage, CS Pin Open
VCS
--
5
--
V
Leading-Edge Blanking Time
TLE
--
410
--
nS
Delay to Output
TO-DELAY
--
100
220
nS
Switching Frequency
Switching Frequency
FSW
42
45
48
KHz
Maximum Duty
D(MAX)
90
--
--
%
Frequency Jitter Range
--
+/-4
--
%
Temp. Stability (-40°C ~ 125°C)
TEMP STB
--
--
6
%
Voltage Stability (VCC = 11V~25V)
VSTB
--
--
1
%
GATE DRIVER OUTPUT
Rising Time, Load Capacitance =1000pF
TRISING
--
160
320
nS
Falling Time, Load Capacitance =1000pF
TFALLING
--
80
160
nS
VGATE-Clamp (VCC=25V)
VGATE
--
13.5
15
V
DIM INPUT SECTION
Saturation Threshold Voltage
SATTH
3.0
--
--
V
Linear Dimming Range
DIM
0.3
--
3.0
V
LED Current off Threshold Voltage
IOFFTH
--
--
0.3
V
Current Source
CS
290
300
310
uA
OTP SECTION
OTP Trip Point
OTPTP
140
150
160
oC
OTP Release Point
OTPRP
120
130
140
oC
OTP Threshold Level
OTPTH
--
20
--
oC
OTP De-Bounce Time
OTPDBT
40
80
120
uS
Note 1: OCP, SCP, OTP: Auto Recovery Type
Note 2: OVP, Auto Recovery Type (Latch off type optional)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com