Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC742 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC742
Description  High Voltage NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC742 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC742 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC742 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC742 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC742 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSC742
High Voltage NPN Transistor
1/4
Version: B13
TO-220
PRODUCT SUMMARY
BVCEO
420V
BVCBO
1050V
IC
4A
VCE(SAT)
0.5V @ IC=1A, IB=0.2A
Features
●
High Voltage Capability
●
High Switching Speed
Block Diagram
Structure
●
Silicon Triple Diffused Type
●
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSC742CZ C0
TO-220
50pcs / Tube
Absolute Maximum Rating (TA = 25
oC, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
1050
V
Collector-Emitter Voltage @ VBE=0V
VCES
420
V
Emitter-Base Voltage
VEBO
15
V
Collector Current
IC
4
A
Collector Peak Current (tp <5ms)
ICM
8
A
Base Current
IB
2
A
Base Peak Current (tp <5ms)
IBM
4
A
Power Total Dissipation @ Tc=25ºC
PDTOT
70
W
Maximum Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Single Pulse. PW = 300uS, Duty ≤2%
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
1.8
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
62.5
oC/W
Pin Definition:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSC742

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC742 TSC-TSC742 Datasheet
219Kb / 5P
High Voltage Fast-Switching NPN Power Transistor
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
TSC742ACZC0 TSC-TSC742ACZC0 Datasheet
409Kb / 6P
High Voltage NPN Transistor
TSC742CZC0 TSC-TSC742CZC0 Datasheet
219Kb / 5P
High Voltage Fast-Switching NPN Power Transistor
TSC742 TSC-TSC742_15 Datasheet
219Kb / 5P
High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - TSC742

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com