Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F1024-90VC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49F1024-90VC
Description  1-Megabit 64K x 16 5-volt Only Flash Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F1024-90VC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49F1024-90VC Datasheet HTML 5Page - ATMEL Corporation AT49F1024-90VC Datasheet HTML 6Page - ATMEL Corporation AT49F1024-90VC Datasheet HTML 7Page - ATMEL Corporation AT49F1024-90VC Datasheet HTML 8Page - ATMEL Corporation AT49F1024-90VC Datasheet HTML 9Page - ATMEL Corporation AT49F1024-90VC Datasheet HTML 10Page - ATMEL Corporation AT49F1024-90VC Datasheet HTML 11Page - ATMEL Corporation AT49F1024-90VC Datasheet HTML 12Page - ATMEL Corporation AT49F1024-90VC Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AT49F1024/1025
13
Packaging Information
.045(1.14) X 45°
PIN NO. 1
IDENTIFY
.045(1.14) X 30° - 45°
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.630(16.0)
.590(15.0)
.043(1.09)
.020(.508)
.120(3.05)
.090(2.29)
.180(4.57)
.165(4.19)
.500(12.7) REF SQ
.032(.813)
.026(.660)
.050(1.27) TYP
.022(.559) X 45° MAX (3X)
.656(16.7)
.650(16.5)
.695(17.7)
.685(17.4)
SQ
SQ
*Controlling dimension: millimeters
44J, 44-Lead, Plastic J-Leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-018 AC
40V, 40-Lead, Plastic Thin Small Outline
Package (VSOP)
Dimensions in Millimeters and (Inches)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com