Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6234 Datasheet(PDF) 1 Page - 3M Electronics

Part # 6234
Description  Do-It Yourself Test Probe and Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6234 Datasheet(HTML) 1 Page - 3M Electronics

  6234 Datasheet HTML 1Page - 3M Electronics 6234 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90339
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5432_6234_1_01.doc
Page 1 of
1
Model 5432 & 6234
Do-It Yourself Test Probe
& Kit
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Install this miniature probe on the end of any 18 to 22 AWG test lead having a maximum insulation O.D. of
.115”
MATERIALS:
Body: Brass
Finish: Nickel Plated
Insulation: Nylon
RATINGS:
Operating Temperature: +80º C. (+176º F.) Max.
Operating Voltage: 1500V AC/DC
Current: 10 Amperes
ORDERING INFORMATION: Model 5432-*
*= Color, -0 Black, -2 Red
Ordering Example: 5432-2 Color is Red
6234 (Kit includes one Black and one Red probe).


Similar Part No. - 6234

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6234 POMONA-6234 Datasheet
20Kb / 1P
Do-It Yourself Test Probe & Kit
logo
3M Electronics
6234 3M-6234 Datasheet
20Kb / 1P
Do-It Yourself Test Probe and Kit
09-Jun-1999
logo
TE Connectivity Ltd
62345-2 TEC-62345-2 Datasheet
48Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6234

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3690 POMONA-3690 Datasheet
26Kb / 1P
Do-It-Yourself Solder Type Miniature Banana Plug
3925 POMONA-3925 Datasheet
22Kb / 1P
Do-It-Yourself Minigrabber Test Clip
4555 POMONA-4555 Datasheet
182Kb / 1P
Do-It-Yourself Minigrabber Test Clip
4933 POMONA-4933 Datasheet
23Kb / 1P
Do-It-Yourself In-Line Sheathed Banana Plug
5243 POMONA-5243 Datasheet
19Kb / 1P
Do-It-Yourself SMD Grabber Test Clips
5432 POMONA-5432 Datasheet
20Kb / 1P
Do-It Yourself Test Probe & Kit
5936 POMONA-5936 Datasheet
35Kb / 1P
Do-It Yourself Solder Type 2mm Banana Plug
5418-7 POMONA-5418-7 Datasheet
79Kb / 2P
Model 5418 With Assembly Instructions Do-It-Yourself Minipincer짰 Test Clip
logo
3M Electronics
5432-0 3M-5432-0 Datasheet
20Kb / 1P
Do-It Yourself Test Probe and Kit
09-Jun-1999
5936-0 3M-5936-0 Datasheet
35Kb / 1P
Do-It Yourself Solder Type 2mm Banana Plug
Rev A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com