Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF2080C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSF2080C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF2080C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF2080C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF2080C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF2080C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: DS_D1309047
Version:B13
ORDERING INFORMATION
EXAMPLE
RATINGS AND CHARACTERISTICS CURVES
TSF2080C
Taiwan Semiconductor
(TA=25
oC unless otherwise noted)
PART NO.
PACKING CODE
PACKAGE
PACKING
TSF2080C
C0
ITO-220AB
50 / Tube
PREFERRED P/N
PART NO.
PACKING CODE
DESCRIPTION
TSF2080C C0
TSF2080C
C0
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
TJ=25oC
TJ=100oC
TJ=125oC
TJ=150oC
10
100
1000
10000
0.1
1
10
100
f=1.0MHz
Vsig=50mVp-p
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
TJ=25oC
TJ=125oC
TJ=150oC
TJ=100oC
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
0
5
10
15
20
25
30
0
25
50
75
100
125
150
WITH HEATSINK
4in x 6in x 0.25in
Al-Plate
FIG.1 FORWARD CURRENT DERATING CURVE
FIG. 4 TYPICAL JUNCTION CAPACITANCE
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE (oC)
FORWARD VOLTAGE (V)
REVERSE VOLTAGE (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com