Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5601PEF0VLH4R Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLH4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLH4R Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLH4R Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
69
3.17.2
IEEE 1149.1 interface timing
Figure 20. JTAG test clock input timing
4 CL includes device and package capacitance (CPKG <5pF).
5 The configuration PAD3V5 = 1 when VDD = 5 V is only transient configuration during power-up. All pads but RESET
and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
Table 36. JTAG pin AC electrical characteristics
No.
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
1tJCYC
CC
D TCK cycle time
—
100
—
ns
2tJDC
CC
D TCK clock pulse width (measured at VDD_HV_IOx/2)
—
40
60
ns
3tTCKRISE
CC
D TCK rise and fall times (40%–70%)
—
—
3
ns
4tTMSS, tTDIS CC D TMS, TDI data setup time
—
5
—
ns
5tTMSH, tTDIH CC D TMS, TDI data hold time
—
25
—
ns
6tTDOV
CC
D TCK low to TDO data valid
—
—
40
ns
7tTDOI
CC
D TCK low to TDO data invalid
—
0
—
ns
8tTDOHZ
CC
D TCK low to TDO high impedance
—
40
—
ns
9tBSDV
CC
D TCK falling edge to output valid
—
—
50
ns
10
tBSDVZ
CC
D TCK falling edge to output valid out of high
impedance
——
50
ns
11
tBSDHZ
CC
D TCK falling edge to output high impedance
—
—
50
ns
12
tBSDST
CC
D Boundary scan input valid to TCK rising edge
—
50
—
ns
13
tBSDHT
CC
D TCK rising edge to boundary scan input invalid
—
50
—
ns
TCK
1
2
2
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com