Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5601PEF0MLL6R Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0MLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0MLL6R Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0MLL6R Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
50
3.10.3
DC electrical characteristics (3.3 V)
Table 19 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx < 3.6 V, NVUSRO[PAD3V5V] = 1); see
Figure 12.
Table 19. DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)1
1 These specifications are design targets and subject to change per device characterization.
Symbol C
Parameter
Conditions
Value
Unit
Min
Max
VIL
D Low level input voltage
—
0.42
2 “SR” parameter values must not exceed the absolute maximum ratings shown in Table 7.
—V
P—
—
0.35 VDD_HV_IOx
V
VIH
P High level input voltage
—
0.65 VDD_HV_IOx
—V
D—
—
VDD_HV_IOx +0.42 V
VHYS T Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
—V
VOL_S P Slow, low level output voltage
IOL =1.5 mA
—
0.5
V
VOH_S P Slow, high level output voltage
IOH = 1.5 mA
VDD_HV_IOx  0.8
—
V
VOL_M P Medium, low level output voltage
IOL =2mA
—
0.5
V
VOH_M P Medium, high level output voltage
IOH = 2mA
VDD_HV_IOx  0.8
—
V
VOL_F P Fast, low level output voltage
IOL =11mA
—
0.5
V
VOH_F P Fast, high level output voltage
IOH = 11 mA
VDD_HV_IOx  0.8
—
V
IPU
P Equivalent pull-up current
VIN =VIL
130
—
µA
VIN =VIH
—
10
IPD
P Equivalent pull-down current
VIN =VIL
10
—
µA
VIN =VIH
—130
IIL
P Input leakage current (all
bidirectional ports)
TA = 40 to 125 °C
—
1
µA
IIL
P Input leakage current (all ADC
input-only ports)
TA = 40 to 125 °C
—
0.5
µA
CIN
D Input capacitance
—
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com