Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5601PEF0VLL6R Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLL6R Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLL6R Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
63
3.15
Flash memory electrical characteristics
3.15.1
Program/Erase characteristics
6 20 MHz ADC clock. Specific prescaler is programmed on MC_PLL_CLK to provide 20 MHz clock to the ADC.
7 See Figure 14.
Table 29. Program and erase specifications
Symbol
C
Parameter
Value
Unit
Min
Typ1
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
Max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program and erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
Twprogram P Word Program Time for data flash memory4
4 Actual hardware programming times. This does not include software overhead.
—
30
70
500
µs
Tdwprogram P Double Word Program Time for code flash memory4
—
22
50
500
µs
TBKPRG
P Bank Program (256 KB)4,5
5 Typical Bank programming time assumes that all cells are programmed in a single pulse. In reality some cells will
require more than one pulse, adding a small overhead to total bank programming time (see “Initial Max” column).
—
0.73
0.83
17.5
s
P Bank Program (64 KB)4,5
—0.49
1.2
4.1
s
T16kpperase P 16 KB Block Pre-program and Erase Time for code
flash memory
—
300
500
5000
ms
16 KB Block Pre-program and Erase Time for data
flash memory
—
700
800
5000
T32kpperase P 32 KB Block Pre-program and Erase Time
—
400
600
5000
ms
T128kpperase P 128 KB Block Pre-program and Erase Time
—
800
1300
7500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com