Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM10N06CPRO Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM10N06CPRO
Description  60V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM10N06CPRO Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM10N06CPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM10N06CPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM10N06CPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM10N06CPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM10N06CPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM10N06CPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM10N06
60V N-Channel MOSFET
1/6
Version: A10
TO-252
(DPAK)
PRODUCT SUMMARY
VDS (V)
RDSON (m )
ID (A)
60
65 @ VGS = 10V
10
80 @ VGS = 5V
10
110 @ VGS = 4V
9
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
Load Switch
●
PA Switch
Ordering Information
Part No.
Package
Packing
TSM10N06CP RO
TO-252
2.5Kpcs / 13” Reel
Absolute Maximum Rating (TA = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
10
A
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)
a,b
IS
10
A
Total Power Dissipation @ TC=25C
PDTOT
45
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
RӨJC
2.78
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
50
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 10 sec.
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM10N06CPRO

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
TSM10N06CP DOINGTER-TSM10N06CP Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - TSM10N06CPRO

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB55N06TM FAIRCHILD-FQB55N06TM Datasheet
608Kb / 9P
60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com