Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8143FS Datasheet(PDF) 2 Page - Analog Devices

Part # DAC8143FS
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143FS Datasheet(HTML) 2 Page - Analog Devices

  DAC8143FS Datasheet HTML 1Page - Analog Devices DAC8143FS Datasheet HTML 2Page - Analog Devices DAC8143FS Datasheet HTML 3Page - Analog Devices DAC8143FS Datasheet HTML 4Page - Analog Devices DAC8143FS Datasheet HTML 5Page - Analog Devices DAC8143FS Datasheet HTML 6Page - Analog Devices DAC8143FS Datasheet HTML 7Page - Analog Devices DAC8143FS Datasheet HTML 8Page - Analog Devices DAC8143FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
STATIC ACCURACY
Resolution
N
12
Bits
Nonlinearity
INL
±1
LSB
Differential Nonlinearity
1
DNL
±1
LSB
Gain Error
2
GFSE
±2
LSB
Gain Tempco (
∆Gain/∆Temp)3
TCGFS
±5
ppm/
°C
Power Supply Rejection Ratio
(
∆Gain/∆V
DD)
PSRR
∆V
DD = ± 5%
±0.0006 ±0.002 %/%
Output Leakage Current
4
ILKG
TA = +25°C
±5nA
TA = Full Temperature Range
±25
nA
Zero Scale Error
5, 6
IZSE
TA = +25°C
±0.002 ±0.03
LSB
TA = Full Temperature Range
±0.01
±0.15
LSB
Input Resistance
7
RIN
VREF Pin
7
11
15
k
Ω
AC PERFORMANCE
Output Current Settling Time
3, 8
tS
0.380
1
µs
AC Feedthrough Error
(VREF to IOUT1)
3, 9
FT
VREF = 20 V p-p @ f = 10 kHz, TA = +25°C
2.0
mV p-p
Digital-to-Analog Glitch Energy
3, 10
QVREF = 0 V, IOUT Load = 100 Ω, CEXT = 13 pF
20
nVs
Total Harmonic Distortion
3
THD
VREF = 6 V rms @ 1 kHz
DAC Register Loaded with All 1s
–92
dB
Output Noise Voltage Density
3, 11
en
10 Hz to 100 kHz Between RFB and IOUT
13
nV/
√Hz
DIGITAL INPUTS/OUTPUT
Digital Input HIGH
VIH
2.4
V
Digital Input LOW
VIL
0.8
V
Input Leakage Current
12
IIN
VIN = 0 V to +5 V
±1
µA
Input Capacitance
CIN
VIN = 0 V
8
pF
Digital Output High
VOH
IOH = –200 µA4
V
Digital Output Low
VOL
IOL = 1.6 mA
0.4
V
ANALOG OUTPUTS
Output Capacitance
3
COUT1
Digital Inputs = All 1s
90
pF
COUT2
Digital Inputs = All 0s
90
pF
Output Capacitance
3
COUT1
Digital Inputs = All 0s
60
pF
COUT2
Digital Inputs = All 1s
60
pF
TIMING CHARACTERISTICS
3
Serial Input to Strobe Setup Times
tDS1
STB1 Used as the Strobe
50
ns
(tSTB = 80 ns)
tDS2
STB2 Used as the Strobe
20
ns
tDS3
STB3 Used as the Strobe TA = +25°C10
ns
TA = Full Temperature Range 20
ns
tDS4
STB4 Used as the Strobe
20
ns
tDH1
STB1 Used as the Strobe TA = +25°C40
ns
TA = Full Temperature Range 50
ns
tDH2
STB2 Used as the Strobe TA = +25°C50
ns
TA = Full Temperature Range 60
ns
Serial Input to Strobe Hold Times
(tSTB = 80 ns)
tDH3
STB3 Used as the Strobe
80
ns
tDH4
STB4 Used as the Strobe
80
ns
REV. C
–2–
(@ VDD = +5 V; VREF = +10 V; VOUT1 = VOUT2 = VAGND = VDGND = 0 V; TA = Full Temperature
Range specified under Absolute Maximum Ratings, unless otherwise noted.)
DAC8143–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com