Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2143 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2143
Description  ?? dB Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2143 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2143 Datasheet HTML 2Page - Analog Devices SSM2143 Datasheet HTML 3Page - Analog Devices SSM2143 Datasheet HTML 4Page - Analog Devices SSM2143 Datasheet HTML 5Page - Analog Devices SSM2143 Datasheet HTML 6Page - Analog Devices SSM2143 Datasheet HTML 7Page - Analog Devices SSM2143 Datasheet HTML 8Page - Analog Devices SSM2143 Datasheet HTML 9Page - Analog Devices SSM2143 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SSM2143
–10–
REV. A
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2143PZ
−40°C to +85°C
8-Lead PDIP
N-8
SSM2143SZ
−40°C to +85°C
8-Lead SOIC_N
R-8
SSM2143SZ-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part
REVISION HISTORY
6/11—Rev. 0 to Rev. A
Updated Outline Dimensions ......................................................... 9
Changes to Ordering Guide .......................................................... 10
11/91—Revision 0: Initial Version
©1991–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10010-0-6/11(A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com