Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT87F52 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT87F52
Description  8-Bit Microcontroller with 8K Bytes QuickFlash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87F52 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT87F52 Datasheet HTML 14Page - ATMEL Corporation AT87F52 Datasheet HTML 15Page - ATMEL Corporation AT87F52 Datasheet HTML 16Page - ATMEL Corporation AT87F52 Datasheet HTML 17Page - ATMEL Corporation AT87F52 Datasheet HTML 18Page - ATMEL Corporation AT87F52 Datasheet HTML 19Page - ATMEL Corporation AT87F52 Datasheet HTML 20Page - ATMEL Corporation AT87F52 Datasheet HTML 21Page - ATMEL Corporation AT87F52 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AT87F52
21
Ordering Information
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
12
5V
± 20%
AT87F52-12AC
AT87F52-12JC
AT87F52-12PC
44A
44J
40P6
Commercial
(0
°C to 70°C)
AT87F52-12AI
AT87F52-12JI
AT87F52-12PI
44A
44J
40P6
Industrial
(-40
°C to 85°C)
16
5V
± 20%
AT87F52-16AC
AT87F52-16JC
AT87F52-16PC
44A
44J
40P6
Commercial
(0
°C to 70°C)
AT87F52-16AI
AT87F52-16JI
AT87F52-16PI
44A
44J
40P6
Industrial
(-40
°C to 85°C)
20
5V
± 20%
AT87F52-20AC
AT87F52-20JC
AT87F52-20PC
44A
44J
40P6
Commercial
(0
°C to 70°C)
AT87F52-20AI
AT87F52-20JI
AT87F52-20QI
44A
44J
44Q
Industrial
(-40
°C to 85°C)
24
5V
± 20%
AT87F52-24AC
AT87F52-24JC
AT87F52-24PC
44A
44J
40P6
Commercial
(0
°C to 70°C)
AT87F52-24AI
AT87F52-24JI
AT87F52-24PI
44A
44J
40P6
Industrial
(-40
°C to 85°C)
Package Type
44A
44 Lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44 Lead, Plastic J-Leaded Chip Carrier (PLCC)
40P6
40 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com