Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC101 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88SC101
Description  Smart Card ICs 1K E2PROM with Security Logic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC101 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88SC101 Datasheet HTML 1Page - ATMEL Corporation AT88SC101 Datasheet HTML 2Page - ATMEL Corporation AT88SC101 Datasheet HTML 3Page - ATMEL Corporation AT88SC101 Datasheet HTML 4Page - ATMEL Corporation AT88SC101 Datasheet HTML 5Page - ATMEL Corporation AT88SC101 Datasheet HTML 6Page - ATMEL Corporation AT88SC101 Datasheet HTML 7Page - ATMEL Corporation AT88SC101 Datasheet HTML 8Page - ATMEL Corporation AT88SC101 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
The security features of Atmel’s AT88SC101/102 include:
data access only after validation of the security code
permanent invalidation of device upon four consecutive
false security code presentations
read/write protection of certain memory zones
device reset if power drops
secure transport of devices using transport code compare
sequence
The AT88SC101/102 is manufactured using low-power
CMOS technology and features its own internal high-volt-
age pump for single voltage supply operation. The de-
vices are guaranteed to 100,000 erase/write cycles and
100 year data retention. Endurance up to one-million
AT88SC101 and AT88SC102 Memory Map
Memory Partitions
AT88SC101
AT88SC102
Address
Bits
Address
Bits
Fabrication Zone (FZ)
0 - 15
16
0 - 15
16
Issuer Zone (IZ)
16 - 79
64
16 - 79
64
Security Code (SC)
80 - 95
16
80 - 95
16
Security Code Attempts Counter (SCAC)
96 - 111
16
96 - 111
16
Code Protected Zone (CPZ)
112 - 175
64
112 - 175
64
Application Zone 1 (AZ1)
176 - 1199
1024
176 - 687
512
Application Zone 1 Erase Key (EZ1)
1200 - 1231
32
688 - 735
48
Application Zone 2 (AZ2)
—
—
736 - 1247
512
Application Zone 2 Erase Key (EZ2)
—
—
1248 - 1279
32
Erase Counter (EC)
1232 - 1359
128
1280 - 1407
128
Memory Test Zone (MTZ)
1360 - 1375
16
1408 - 1423
16
TOTAL BITS
1376
1424
Definition of AT88SC101/102 Memory Partitions
FABRICATION ZONE (16 bits):
Programmed by the
manufacturer with a specific identifier for each customer.
FUSE1 is blown by the manufacturer after programming
the fabrication code, which makes the fabrication zone
unalterable.
ISSUER ZONE (64 bits):
Programmed by the issuer be-
fore finalizing personalization. The data stored in the is-
suer zone is unalterable after FUSE2 is blown.
SECURITY CODE (16 bits):
Must be presented by the
issuer to access circuit memory and personalize device
before blowing FUSE2. This secures transportation be-
tween the manufacturer and the issuer. After the device is
personalized and FUSE2 is blown, this code protects the
access to the application zone(s) of the card.
SECURITY CODE ATTEMPTS COUNTER (16 bits):
Counts the number of incorrect security code attempts.
The device is locked after 4 false presentations.
USER PROTECTED ZONE (64 bits):
Writing and eras-
ing this zone is protected. The number of program/erase
cycles is guaranteed up to 100,000.
APPLICATION ZONE(S) (1024 or 512 bits):
Reading
and programming the application zone(s) are controlled by
the first 2 bits of the zone (PR, RD) and by the security
code (Tables 1 and 2). The erasure of each zone is pro-
tected by an erase key specific to each zone.
APPLICATION ZONE ERASE KEY (32 or 48 bits):
Must
be presented to authorize the erasure of the application
zone(s). The key(s) must be programmed during the per-
sonalization of the circuit.
ERASE COUNTER (128 bits):
Limits the number of era-
sures of the last zone to 128 or less.
MEMORY TEST ZONE (16 bits):
Allows pattern testing
at this memory location.
2
AT88SC101/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com