Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F040T-90PI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49F040T-90PI
Description  4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040T-90PI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49F040T-90PI Datasheet HTML 2Page - ATMEL Corporation AT49F040T-90PI Datasheet HTML 3Page - ATMEL Corporation AT49F040T-90PI Datasheet HTML 4Page - ATMEL Corporation AT49F040T-90PI Datasheet HTML 5Page - ATMEL Corporation AT49F040T-90PI Datasheet HTML 6Page - ATMEL Corporation AT49F040T-90PI Datasheet HTML 7Page - ATMEL Corporation AT49F040T-90PI Datasheet HTML 8Page - ATMEL Corporation AT49F040T-90PI Datasheet HTML 9Page - ATMEL Corporation AT49F040T-90PI Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ENTER PRODUCT
IDENTIFICATION
MODE (2, 3, 5)
LOAD DATA 90
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
Notes for software product identification:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. A1 - A18 = VIL.
Manufacture Code is read for A0 = VIL;
Device Code is read for A0 = VIH.
3. The device does not remain in identification mode if
powered down.
4. The device returns to standard operation mode.
5. Manufacturer Code: 1FH
Device Code: 13H
Software Product
Identification Entry
(1)
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
Boot Block Lockout
Feature Enable Algorithm
(1)
Notes for boot block lockout feature enable:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. Boot block lockout feature enabled.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
PAUSE 1 second (2)
LOAD DATA 40
TO
ADDRESS 5555
LOAD DATA F0
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
Software Product
Identification Exit
(1)
EXIT PRODUCT
IDENTIFICATION
MODE (4)
LOAD DATA F0
TO
ANY ADDRESS
EXIT PRODUCT
IDENTIFICATION
MODE (4)
OR
AT49F040
4-217



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com