Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS53 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89LS53
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89LS53 Datasheet HTML 14Page - ATMEL Corporation AT89LS53 Datasheet HTML 15Page - ATMEL Corporation AT89LS53 Datasheet HTML 16Page - ATMEL Corporation AT89LS53 Datasheet HTML 17Page - ATMEL Corporation AT89LS53 Datasheet HTML 18Page - ATMEL Corporation AT89LS53 Datasheet HTML 19Page - ATMEL Corporation AT89LS53 Datasheet HTML 20Page - ATMEL Corporation AT89LS53 Datasheet HTML 21Page - ATMEL Corporation AT89LS53 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AT89LS53
4-266
Program Memory Lock Bits
The AT89LS53 has three lock bits that can be left unpro-
grammed (U) or can be programmed (P) to obtain the addi-
tional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin
is sampled and latched during reset. If the device is pow-
ered up without a reset, the latch initializes to a random
value and holds that value until reset is activated. The
latched value of EA must agree with the current logic level
at that pin in order for the device to function properly.
Once programmed, the lock bits can only be unpro-
grammed with the Chip Erase operations in either the par-
allel or serial modes.
Lock Bit Protection Modes (1) (2)
Notes:
1. U = Unprogrammed
2. P = Programmed
Program Lock Bits
Protection Type
LB1
LB2
LB3
1
U
U
U
No internal memory lock feature.
2P
U
U
MOVC instructions executed from external program memory are disabled from fetching
code bytes from internal memory. EA is sampled and latched on reset and further
programming of the Flash memory (parallel or serial mode) is disabled.
3
P
P
U
Same as Mode 2, but parallel or serial verify are also disabled.
4
P
P
P
Same as Mode 3, but external execution is also disabled.
Programming the Flash
Atmel’s AT89LS53 Flash Microcontroller offers 12K bytes
of in-system reprogrammable Flash Code memory.
The AT89LS53 is normally shipped with the on-chip Flash
Code memory array in the erased state (i.e. contents =
FFH) and ready to be programmed. This device supports a
High-Voltage (12V) Parallel programming mode and a Low-
Voltage (2.7 to 6.0V) Serial programming mode. The serial
programming mode provides a convenient way to down-
load the AT89LS53 inside the user’s system. The parallel
programming mode is compatible with conventional third
party Flash or EPROM programmers.
The Code memory array occupies one contiguous address
space from 0000H to 2FFFH.
The Code array on the AT89LS53 is programmed byte-by-
byte in either programming mode. An auto-erase cycle is
provided with the self-timed programming operation in the
serial programming mode. There is no need to perform the
Chip Erase operation to reprogram any memory location in
the serial programming mode unless any of the lock bits
have been programmed.
In the parallel programming mode, there is no auto-erase
cycle. To reprogram any non-blank byte, the user needs to
use the Chip Erase operation first to erase the entire Code
memory array.
Parallel Programming Algorithm
To program and verify the AT89LS53 in the parallel pro-
gramming mode, the following sequence is recommended:
1.
Power-up sequence:
Apply power between VCC and GND pins.
Set RST pin to “H”.
Apply a 3 MHz to 12 MHz clock to XTAL1 pin and wait
for at least 10 milliseconds.
2.
Set PSEN pin to “L”
ALE pin to “H”
EA pin to “H” and all other pins to “H”.
3.
Apply the appropriate combination of “H” or “L” logic
levels to pins P2.6, P2.7, P3.6, P3.7 to select one of
the programming operations shown in the Flash
Programming Modes table.
4.
Apply the desired byte address to pins P1.0 to P1.7
and P2.0 to P2.5.
Apply data to pins P0.0 to P0.7 for Write Code opera-
tion.
5.
Raise EA/V
PP to 12V to enable Flash programming,
erase or verification.
6.
Pulse ALE/PROG once to program a byte in the
Code memory array, or the lock bits. The byte-write
cycle is self-timed and typically takes 1.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com